Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 72 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 72 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 68Page - Omron Electronics LLC F39-LSGA Datasheet HTML 69Page - Omron Electronics LLC F39-LSGA Datasheet HTML 70Page - Omron Electronics LLC F39-LSGA Datasheet HTML 71Page - Omron Electronics LLC F39-LSGA Datasheet HTML 72Page - Omron Electronics LLC F39-LSGA Datasheet HTML 73Page - Omron Electronics LLC F39-LSGA Datasheet HTML 74Page - Omron Electronics LLC F39-LSGA Datasheet HTML 75Page - Omron Electronics LLC F39-LSGA Datasheet HTML 76Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 109 page
background image
F3SG-SR-K
72
Ordering Information
Safety Light Curtain IP69K Model
Main Unit F3SG-SR-K
Finger protection (Detection capability: 14-mm dia.)
Note: Connection cables are integrated with the safety light curtain.
Hand protection (Detection capability: 25-mm dia.)
Note: Connection cables are integrated with the safety light curtain.
Accessories (Sold separately)
Optional Accessories for F3SG-SR-K
Bracket
Number of
beams
Protective height
(mm)
Standard
Model
31
320
F3SG-4SRB0320-14-K
39
400
F3SG-4SRB0400-14-K
47
480
F3SG-4SRB0480-14-K
55
560
F3SG-4SRB0560-14-K
63
640
F3SG-4SRB0640-14-K
71
720
F3SG-4SRB0720-14-K
79
800
F3SG-4SRB0800-14-K
87
880
F3SG-4SRB0880-14-K
95
960
F3SG-4SRB0960-14-K
99
1,000
F3SG-4SRB1000-14-K
119
1,200
F3SG-4SRB1200-14-K
139
1,400
F3SG-4SRB1400-14-K
159
1,600
F3SG-4SRB1600-14-K
179
1,800
F3SG-4SRB1800-14-K
Number of
beams
Protective height
(mm)
Standard
Model
16
320
F3SG-4SRB0320-25-K
20
400
F3SG-4SRB0400-25-K
24
480
F3SG-4SRB0480-25-K
28
560
F3SG-4SRB0560-25-K
32
640
F3SG-4SRB0640-25-K
36
720
F3SG-4SRB0720-25-K
40
800
F3SG-4SRB0800-25-K
44
880
F3SG-4SRB0880-25-K
48
960
F3SG-4SRB0960-25-K
50
1,000
F3SG-4SRB1000-25-K
52
1,040
F3SG-4SRB1040-25-K
56
1,120
F3SG-4SRB1120-25-K
60
1,200
F3SG-4SRB1200-25-K
64
1,280
F3SG-4SRB1280-25-K
68
1,360
F3SG-4SRB1360-25-K
72
1,440
F3SG-4SRB1440-25-K
76
1,520
F3SG-4SRB1520-25-K
80
1,600
F3SG-4SRB1600-25-K
84
1,680
F3SG-4SRB1680-25-K
88
1,760
F3SG-4SRB1760-25-K
92
1,840
F3SG-4SRB1840-25-K
Appearance
Type
Application
Model
Bracket to mount the F3SG-SR-K.
360° mounting including side mounting and
backside mounting possible.
Beam alignment after mounting of F3SG-SR/PG
not possible.
Two brackets per set
IP69K Model Mounting
Bracket
(Top/Bottom Bracket)
F39-LSGTB-K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com