Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 91 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 91 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 87Page - Omron Electronics LLC F39-LSGA Datasheet HTML 88Page - Omron Electronics LLC F39-LSGA Datasheet HTML 89Page - Omron Electronics LLC F39-LSGA Datasheet HTML 90Page - Omron Electronics LLC F39-LSGA Datasheet HTML 91Page - Omron Electronics LLC F39-LSGA Datasheet HTML 92Page - Omron Electronics LLC F39-LSGA Datasheet HTML 93Page - Omron Electronics LLC F39-LSGA Datasheet HTML 94Page - Omron Electronics LLC F39-LSGA Datasheet HTML 95Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 109 page
background image
Common to F3SG-SR and F3SG-PG
91
Muting System Wiring Examples
Standard Muting Mode/Exit-Only Muting Mode
[Wiring Example]
Note: For the functional earth connection, refer to page 83.
F3SG-SRA
Available
F3SG-PGA-A/-L
Available
F3SG-SRB
Available
F3SG-PGA-C
Available *12
F39-JG
†C-L
F39-JGR3K-D
F39-JG
†A-D
24 VDC
Wiring for NPN
*1
24 VDC
S3
S4
*4
IN
PLC
*5
*8
IN1
Safety controller
*6 *7
IN2
S1
S2
S1: Test switch
S2: Lockout reset switch, override switch or override cancel switch
S3, S4: Muting sensor
PLC: Programmable logic controller (Used for monitoring only.
NOT related to safety system.)
MUTE A
MUTE B
Timing chart
Beam state: Unblocked
Blocked
Test switch (S1)
OSSD
Intelligent Tap
Standard Muting Mode
Not needed
Intelligent Tap
Exit-Only Muting Mode
Needed
*1. Reverse the polarity of the power supply when using in the NPN system.
*2. Connect the line to 0 VDC if Operating Range Selection is used in Short Mode.
*3. Also used as OVERRIDE INPUT line.
*4. Make sure to connect an override cancel switch to the RESET line
when using the override function. Otherwise the override state may not
be released by the override cancel switch, resulting in serious injury.
*5. When connecting to the PLC, the output mode must be changed with
the SD Manager 3 according to your application. For the setting this
function, refer to the User's Manual (Man.No.Z405).
*6. Refer to page 79 for more information.
*7. The safety controller and the F3SG-SR/PG must share the power
supply or be connected to the common terminal of the power supply.
*8. This is the case for a PELV circuit.
*9. Set the function with the SD Manager 3, restore the settings to the
F3SG-SR/PG, and perform wiring according to the wiring diagram.
*10. This wiring example shows light emission stop when connected to 24
VDC with PNP setting, and light emission stop when connected to 0
VDC with NPN setting. If TEST switch is not needed, refer to the User's
Manual (Man. No. Z405).
*11.The F3SG-PGA-C does not support the external test function.
*12.When wiring the emitter/receiver of the F3SG-PGA-C, follow the same
wiring as for the receiver in the figure above. Wiring of the emitter side
Function
Setting
DIP switch
SD Manager 3
EDM
EDM Disabled (factory default setting)
[External device monitoring] : Disable
Interlock
Auto Reset (factory default setting)
-
[Start interlock] : Disable
[Restart interlock] : Disable
Operating Range Selection
Long : Open the OPERATING RANGE SELECT INPUT line of the emitter or connect the line to 24 VDC.
Standard Muting Mode
When not using the Intelligent Tap or the SD Manager 3, perform wiring according to the wiring diagram.
(factory default setting)
N/A
[Muting] : Enable
[Muting mode] : Standard Muting (Installation
Example1/2) *9
Exit-Only Muting Mode
N/A
[Muting] : Enable
[Muting mode] : Exit-Only Muting *9
External Test used *11
Connect the TEST line of the emitter to 24V/0V of the emitter via a test switch (NO contact). *10
N/A
[External test signal inversion] : Disable
Optical Synchronization
Open the COM(+) and COM(-) lines of the emitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com