Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 21Page - Omron Electronics LLC F39-LSGA Datasheet HTML 22Page - Omron Electronics LLC F39-LSGA Datasheet HTML 23Page - Omron Electronics LLC F39-LSGA Datasheet HTML 24Page - Omron Electronics LLC F39-LSGA Datasheet HTML 25Page - Omron Electronics LLC F39-LSGA Datasheet HTML 26Page - Omron Electronics LLC F39-LSGA Datasheet HTML 27Page - Omron Electronics LLC F39-LSGA Datasheet HTML 28Page - Omron Electronics LLC F39-LSGA Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 109 page
background image
F3SG-SR/PG
25
Model
Safety Light Curtain
F3SG-SRA-14
F3SG-SRB-14
F3SG-SRA-25
F3SG-SRB-25
F3SG-SRA-45
F3SG-SRB-45
F3SG-SRA-85
F3SG-SRB-85
Enviro
nment
al
Ambient
temperature
Operating
-30 to 55 °C (non-icing)
Storage
-30 to 70 °C
Ambient
humidity
Operating
35% to 85% (non-condensing)
Storage
35% to 95%
Ambient illuminance
Incandescent lamp: 3,000 Ix max. on receiver surface
Sunlight: 10,000 Ix max. on receiver surface
Degree of protection (IEC 60529)
IEC 60529: IP65 and IP67, JIS C 0920 Annex 1: IP67G
Vibration resistance (IEC 61496-1) 10 to 55 Hz, Multiple amplitude of 0.7 mm, 20 sweeps for all 3 axes
Shock resistance (IEC 61496-1)
100 m/s2, 1000 shocks for all 3 axes
Pollution degree (IEC 60664-1)
3
Conne
ctions
Root cable
Type of
connection
To sensors: dedicated connector, To external: M12 connector type (5-pin emitter and 8-pin receiver) or open-ended
type IP67 and IP67G (JIS C 0920 Annex 1) * rated when mated.
* The F3SG-SR meets the degree of protection when the root cable is correctly connected with the F3SG-SR. The
degree of protection is not satisfied with the part where cable wires are uncovered.
Number of wires Emitter: 5, Receiver: 8
Cable length
Refer to page 9.
Cable diameter
6 mm
Minimum
bending radius
R5 mm
Cascading
cable
Type of
connection
To sensors: dedicated connector, To cascading sensors: M12 connector type (5-pin emitter and 8-pin receiver) or
dedicated connector IP67 and IP67G (JIS C 0920 Annex 1) * rated when mated.
* The F3SG-SR meets the degree of protection when the cascading cable is correctly connected with the F3SG-SR
and the root cable. The degree of protection is not satisfied with the part where cable wires are uncovered.
Number of wires Emitter: 5, Receiver: 8
Cable length
Refer to page 11.
Cable diameter
6 mm
Minimum
bending radius
R5 mm
Extension cable
- Extended
Socket-
Straight Cable
- Extended
Plug-Socket
Cable
Type of
connection
M12 connector type (5-pin emitter and 8-pin receiver), IP67 * rated when mated
* The extension cable meets the degree of protection when the root cable is correctly connected with the extension
cable. The degree of protection is not satisfied with the part where cable wires are uncovered.
Number of wires Emitter: 5, Receiver: 8
Cable length
Refer to page 10.
Cable diameter
6.6 mm
Minimum
bending radius
R36 mm
Cable extension
Refer to page 27 for restrictions on cable extension.
Root cable
In optical synchronization: 100 m max. * between power supply and emitter and between power supply and receiver
In wired synchronization: 100 m max. * between power supply and emitter, between power supply and receiver, and
between emitter and receiver
* When the Intelligent Tap (F39-SGIT-IL3) is connected to the sensor, this applies in the case of the rated power
supply of 24 VDC to 24 VDC +20%.
Cascade
connection
Extension cable between sensors: 10 m max. (not including Cascading Cable for Extended *1 and Root Cable *2.)
*1. F39-JGR3W
*2. F39-JGR3K
Material
Housing: Aluminum alloy
Cap: PBT resin
Front window: Acrylic resin
FE plate: Stainless steel
Weight
Refer to page 27.
Included accessories
Instruction Sheet, Quick Installation Manual, Troubleshooting Guide Sticker, Warning Zone Label
End Cap (for switching Scan Code Selection function)
Confo
rmity
Conforming standards
Refer to page 107.
Type of ESPE (IEC 61496-1)
Type 4
Performance Level (PL)/
Safety category
PL e/Category 4 (EN ISO 13849-1:2015)
PFHD
1.1×10-8 max. (IEC 61508)
Proof test interval TM
Every 20 years (IEC 61508)
SFF
99% (IEC 61508)
HFT
1 (IEC 61508)
Classification
Type B (IEC 61508-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com