Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 13Page - Omron Electronics LLC F39-LSGA Datasheet HTML 14Page - Omron Electronics LLC F39-LSGA Datasheet HTML 15Page - Omron Electronics LLC F39-LSGA Datasheet HTML 16Page - Omron Electronics LLC F39-LSGA Datasheet HTML 17Page - Omron Electronics LLC F39-LSGA Datasheet HTML 18Page - Omron Electronics LLC F39-LSGA Datasheet HTML 19Page - Omron Electronics LLC F39-LSGA Datasheet HTML 20Page - Omron Electronics LLC F39-LSGA Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
F3SG-SR/PG
17
Floor Mount System
Floor Mount Column
*1. Floor Mount Column, Mirror Column, Mount-Column Adjustable Base: Each model includes one product.
When using for both the emitter and receiver, order two sets.
*2. The mount-column adjustable base is sold separately.
Mirror Column
Note: The F3SG-SR Safety Light Curtain with the protective height of 1920 or more cannot be used.
*1. Floor Mount Column, Mirror Column, Mount-Column Adjustable Base: Each model includes one product.
When using for both the emitter and receiver, order two sets.
*2. The mount-column adjustable base is sold separately.
Mount-Column Adjustable Base
*1. Floor Mount Column, Mirror Column, Mount-Column Adjustable Base: Each model includes one product.
When using for both the emitter and receiver, order two sets.
*2. The floor mount column and mirror column are sold separately.
Appearance
Applicable light curtain
Column height
Model
F3SG-SR
Safety Light Curtain
F3SG-PG
Safety Multi-Light Beam
Protective height up to 0880
F3SG-4PGA0670-2
990 mm
F39-ST0990
Protective height up to 1280
F3SG-4PGA0970-3A/3L
F3SG-4PGA1070-4
1,310 mm
F39-ST1310
Protective height up to 1520
F3SG-4PGA1370-4
1,630 mm
F39-ST1630
Protective height up to 1840
---
1,950 mm
F39-ST1950
Protective height up to 2080
---
2,270 mm
F39-ST2270
Appearance
Applicable light curtain
Column height
Model
F3SG-SR
Safety Light Curtain
F3SG-PG
Safety Multi-Light Beam
Protective height up to 0880
F3SG-4PGA0670-2A/2L
990 mm
F39-SML0990
Protective height up to 1200
F3SG-4PGA0970-3A/3L
F3SG-4PGA1070-4A/4L
1,310 mm
F39-SML1310
Protective height up to 1520
F3SG-4PGA1370-4A/4L
1,630 mm
F39-SML1630
(Operating range becomes
15% shorter than the rating) Protective height up to 1840
---
1,950 mm
F39-SML1950
---
F3SG-4PGA0670-2A/2L
990 mm
F39-PML0990-2
---
F3SG-4PGA0970-3A/3L
1,310 mm
F39-PML1310-3
---
F3SG-4PGA1070-4A/4L
F39-PML1310-4
(Operating range becomes
10% shorter than the rating)
---
F3SG-4PGA1370-4A/4L
1,630 mm
F39-PML1630-4
Appearance
Application
Model
Mounted to the floor mount column or mirror column.
The angle and height of the column can be adjusted.
F39-STB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com