Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 22Page - Omron Electronics LLC F39-LSGA Datasheet HTML 23Page - Omron Electronics LLC F39-LSGA Datasheet HTML 24Page - Omron Electronics LLC F39-LSGA Datasheet HTML 25Page - Omron Electronics LLC F39-LSGA Datasheet HTML 26Page - Omron Electronics LLC F39-LSGA Datasheet HTML 27Page - Omron Electronics LLC F39-LSGA Datasheet HTML 28Page - Omron Electronics LLC F39-LSGA Datasheet HTML 29Page - Omron Electronics LLC F39-LSGA Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 109 page
background image
F3SG-SR/PG
26
Safety Multi-Light Beam
Model
F3SG-4PGA-A
F3SG-4PGA-L
F3SG-4PGA-C
-30 to 55 °C (non-icing)
Operating
Ambient
temperature
Enviro
nment
al
-30 to 70 °C
Storage
35% to 85% (non-condensing)
Operating
Ambient
humidity
35% to 95%
Storage
Incandescent lamp: 3,000 Ix max. on receiver surface
Sunlight: 10,000 Ix max. on receiver surface
Ambient illuminance
IEC 60529: IP65 and IP67
Degree of protection (IEC 60529)
10 to 55 Hz, Multiple amplitude of 0.7 mm, 20 sweeps for all 3 axes
Vibration resistance (IEC 61496-1)
100 m/s2, 1000 shocks for all 3 axes
Shock resistance (IEC 61496-1)
3
Pollution degree (IEC 60664-1)
To sensors: dedicated connector, To external: M12 connector type (5-pin emitter and 8-pin receiver) or open-ended
type IP67 and IP67G (JIS C 0920 Annex 1) * rated when mated.
* The F3SG-SR meets the degree of protection when the root cable is correctly connected with the F3SG-SR. The
degree of protection is not satisfied with the part where cable wires are uncovered.
Type of
connection
Root cable
Conne
ctions
Emitter: 5, Receiver: 8, Emitter/receiver: 8
Number of wires
Refer to page 9.
Cable length
6 mm
Cable diameter
R5 mm
Minimum
bending radius
---
Type of
connection
Cascading
cable
---
Number of wires
---
Cable length
---
Cable diameter
---
Minimum
bending radius
M12 connector type (5-pin emitter and 8-pin receiver), IP67 * rated when mated
* The extension cable meets the degree of protection when the root cable is correctly connected with the extension
cable. The degree of protection is not satisfied with the part where cable wires are uncovered.
Type of
connection
Extension cable
- Extended
Socket-
Straight Cable
- Extended
Plug-Socket
Cable
Emitter: 5, Receiver: 8, Emitter/receiver: 8
Number of wires
Refer to page 10.
Cable length
6.6 mm
Cable diameter
R36 mm
Minimum
bending radius
Refer to page 27 for restrictions on cable extension.
Cable extension
In optical synchronization: 100 m max. * between power supply and emitter and between power supply and receiver
In wired synchronization: 100 m max. * between power supply and emitter, between power supply and receiver, and
between emitter and receiver
* When the Intelligent Tap (F39-SGIT-IL3) is connected to the sensor, this applies in the case of the rated power
supply of 24 VDC to 24 VDC +20%.
Root cable
---
Cascade
connection
Housing: Aluminum alloy
Cap: PBT resin
Front window: Acrylic resin
FE plate: Stainless steel
Material
Refer to page 27.
Weight
Instruction Sheet, Quick Installation Manual, Troubleshooting Guide Sticker,
End Cap (for switching Scan Code Selection function)
Included accessories
Refer to page 107.
Conforming standards
Confo
rmity
Type 4
Type of ESPE (IEC 61496-1)
PL e/Category 4 (EN ISO 13849-1:2015)
Performance Level (PL)/
Safety category
1.1×10-8 max. (IEC 61508)
PFHD
Every 20 years (IEC 61508)
Proof test interval TM
99% (IEC 61508)
SFF
1 (IEC 61508)
HFT
Type B (IEC 61508-2)
Classification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com