Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 42 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 38Page - Omron Electronics LLC F39-LSGA Datasheet HTML 39Page - Omron Electronics LLC F39-LSGA Datasheet HTML 40Page - Omron Electronics LLC F39-LSGA Datasheet HTML 41Page - Omron Electronics LLC F39-LSGA Datasheet HTML 42Page - Omron Electronics LLC F39-LSGA Datasheet HTML 43Page - Omron Electronics LLC F39-LSGA Datasheet HTML 44Page - Omron Electronics LLC F39-LSGA Datasheet HTML 45Page - Omron Electronics LLC F39-LSGA Datasheet HTML 46Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 109 page
background image
F3SG-SR/PG
42
Mounted with Adjustable Top/Bottom Brackets (F3SJ, F3SN Adapter) (F39-LSGTB-SJ) and Side-Mount
Brackets (Intermediate Brackets) (F39-LSGF)
Backside Mounting
38
3.2
Adjustable
Top/Bottom
Bracket
(F39-LSGTB-SJ)
12
Side-Mont
Bracket
(F39-LSGF)
Adjustable
Top/Bottom
Bracket
(F39-LSGTB-SJ)
9 d
ia.
19
32
46.7
1.7
19
4-M5
2-M5
or M6
19
<Screw for Adjustable
Top/Bottom Bracket: M5
*1>
2-M8
2-M5
or M6
<Screw for Adjustable
Top/Bottom Bracket: M8
*1>
*1. Side-Mount Bracket: M5 or M6
*2. For the model with a protective height of 0160, the dimensions N1 and N2 are 20 to 30 mm.
*3. The number of brackets required to mount each unit (emitter, receiver).
Dimension C
4-digit number in model number (Protective height: )
Dimension D
F3SG-SR-14
C-20
F3SG-SR25
F3SG-SR-45
C-40
F3SG-SR-85
Dimension G
C+27.2+N1+N2
Dimension H
C+38+N1+N2
Dimension I
C+58+N1+N2
Dimension N1
0 to 30 *2
Dimension N2
0 to 30 *2
Dimension P
F3SG-SR-14
10
F3SG-SR-25
20
F3SG-SR-45
40
F3SG-SR-85
80
Protectiveheight
(Dimension C)
Number of
Adjustable
Top/Bottom
Brackets *3
Number of
Intermediate
Brackets *3
Dimension F
0160 to 0840
2
0
---
0880 to1680
2
1
1000 mm max.
1760 to 2480
2
2
1000 mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com