Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 73 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 73 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 69Page - Omron Electronics LLC F39-LSGA Datasheet HTML 70Page - Omron Electronics LLC F39-LSGA Datasheet HTML 71Page - Omron Electronics LLC F39-LSGA Datasheet HTML 72Page - Omron Electronics LLC F39-LSGA Datasheet HTML 73Page - Omron Electronics LLC F39-LSGA Datasheet HTML 74Page - Omron Electronics LLC F39-LSGA Datasheet HTML 75Page - Omron Electronics LLC F39-LSGA Datasheet HTML 76Page - Omron Electronics LLC F39-LSGA Datasheet HTML 77Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 109 page
background image
F3SG-SR-K
73
Ratings and Specifications
Safety Light Curtain IP69K Model
Main Unit F3SG-SR-K

in the model number indicates the protective height in millimeters.
Model
F3SG-4SRB-14-K
F3SG-4SRB-25-K
Perform
ance
Object resolution
(Detection capability)
Opaque objects
14-mm dia.
25-mm dia.
Beam gap
10 mm
20 mm
Number of beams
31 to 179
16 to 92
Lens size
4.4 × 3.4 mm (W × H)
6.7 × 4.5 mm (W × H)
Protective height
320 to 1,800 mm
320 to 1,840 mm
Operating
range
Long
0.3 to 8.0 m (Typ. 12.0 m)
0.3 to 16.0 m (Typ. 24.0 m)
Short
0.3 to 2.4 m (Typ. 3.6 m)
0.3 to 5.6 m (Typ. 8.4 m)
* When operating at an ambient temperature of -10 to -30 °C, use the F3SG-SR with the operating range of 0.3 to 4.0 m in Long Mode and
0.3 to 1.2 m in Short Mode.
Response
time
Normal mode
ON to
OFF
Optical synchronization: 8 to 18 ms
Wired synchronization: 10 to 21 ms
Optical synchronization: 8 to 13 ms
Wired synchronization: 10 to 17 ms
OFF to
ON
Optical synchronization: 40 to 90 ms
Wired synchronization: 50 to 105 ms
Optical synchronization: 40 to 90 ms
Wired synchronization: 50 to 85 ms
×2 Slow mode
*
ON to
OFF
Optical synchronization: 16 to 36 ms
Wired synchronization: 20 to 42 ms
Optical synchronization: 16 to 26 ms
Wired synchronization: 20 to 34 ms
OFF to
ON
Optical synchronization: 80 to 180 ms
Wired synchronization: 100 to 210 ms
Optical synchronization: 80 to 130 ms
Wired synchronization: 100 to 170 ms
×4 Slow mode
*
ON to
OFF
Optical synchronization: 32 to 72 ms
Wired synchronization: 40 to 84 ms
Optical synchronization: 32 to 52 ms
Wired synchronization: 40 to 68 ms
OFF to
ON
Optical synchronization: 160 to 360 ms
Wired synchronization: 200 to 420 ms
Optical synchronization: 160 to 260 ms
Wired synchronization: 200 to 340 ms
×8 Slow mode
*
ON to
OFF
Optical synchronization: 64 to 144 ms
Wired synchronization: 80 to 168 ms
Optical synchronization: 64 to 104 ms
Wired synchronization: 80 to 136 ms
OFF to
ON
Optical synchronization: 320 to 720 ms
Wired synchronization: 400 to 840 ms
Optical synchronization: 320 to 520 ms
Wired synchronization: 400 to 680 ms
* Selectable by SD Manager 3.
Effective aperture angle (EAA)
(IEC 61496-2)
±2.5° max. * Emitter and receiver at operating range of 3 m or greater.
Light source
Infrared LEDs, Wavelength: 870 nm
Startup waiting time
3 s max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com