Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 82 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 82 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 78Page - Omron Electronics LLC F39-LSGA Datasheet HTML 79Page - Omron Electronics LLC F39-LSGA Datasheet HTML 80Page - Omron Electronics LLC F39-LSGA Datasheet HTML 81Page - Omron Electronics LLC F39-LSGA Datasheet HTML 82Page - Omron Electronics LLC F39-LSGA Datasheet HTML 83Page - Omron Electronics LLC F39-LSGA Datasheet HTML 84Page - Omron Electronics LLC F39-LSGA Datasheet HTML 85Page - Omron Electronics LLC F39-LSGA Datasheet HTML 86Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 109 page
background image
Common to F3SG-SR and F3SG-PG
82
Input Circuit Diagram by Function
The input circuit diagrams of by function are shown below.
Test Input *1
*1. The F3SG-PGA-C does not have a test input function.
Operating Range Select Input *2
*2. The F3SG-PGA-A/-C do not have an operation range select input function.
RESET/EDM, MUTE A/B
<Light emission stops when connected to 0 V>
0 VDC
<Light emission stops when connected to 24 VDC>
0 VDC
Short circuit
current
Approx. 5.0 mA
+24 VDC
+24 VDC
Short circuit
current
Approx. 6.0 mA
Emitter
main circuit
Emitter
main circuit
<Short>
Emitter
main circuit
+24 VDC
0 VDC
5 V
Short circuit
current
Approx. 4.2 mA
<Long>
+24 VDC
0 VDC
5 V
Emitter
main circuit
Short circuit
current
Approx. 4.2 mA
Receiver
main circuit
+24 VDC
0 VDC
Short circuit
current
*4
<NPN>
<PNP>
Receiver
main circuit
+24 VDC
0 VDC
Short circuit
current
*3
*3. Short circuit current: approx. 9.5 mA (RESET/EDM),
approx. 4.5 mA (MUTE A/B)
*4. Short circuit current: approx. 13.0 mA (RESET/EDM),
approx. 7.0 mA (MUTE A/B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com