Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 92 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 92 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 88Page - Omron Electronics LLC F39-LSGA Datasheet HTML 89Page - Omron Electronics LLC F39-LSGA Datasheet HTML 90Page - Omron Electronics LLC F39-LSGA Datasheet HTML 91Page - Omron Electronics LLC F39-LSGA Datasheet HTML 92Page - Omron Electronics LLC F39-LSGA Datasheet HTML 93Page - Omron Electronics LLC F39-LSGA Datasheet HTML 94Page - Omron Electronics LLC F39-LSGA Datasheet HTML 95Page - Omron Electronics LLC F39-LSGA Datasheet HTML 96Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 109 page
background image
Common to F3SG-SR and F3SG-PG
92
Standard Muting Mode/Exit-Only Muting Mode with Intelligent Tap
[Wiring Example]
F3SG-SRA
Available
F3SG-PGA-A/-L
Available
F3SG-SRB
Available
F3SG-PGA-C
Available *11
S1
S2
S3
*3
*8
F39-SGIT-IL3
24 VDC
Wiring for NPN
*1
24 VDC
IO-Link
Master
*7
F39-JG
†B-L/
XS5F-D521-DJ0-IL
F39-JG
†A-D
F39-JGR3K-L and F39-JG
□B-L
F39-JGR3K-D and
F39-JG
□B-D
IN
PLC
*4
IN1
Safety controller
*5 *6
IN2
MUTE A
MUTE B
OSSD
Timing chart
Beam state: Unblocked
Blocked
S1: Lockout reset switch, override switch or override cancel switch
S2, S3: Muting sensor
PLC: Programmable logic controller (Used for monitoring only. NOT related to safety system.)
Intelligent Tap
Needed
: Indicates a switch position.
Function
Setting
DIP switch
SD Manager 3
EDM *9
EDM Disabled
[External device monitoring] : Disable
Interlock *9
Auto Reset
[Start interlock] : Disable
[Restart interlock] : Disable
Operating Range Selection *10
Long
[Operating Range Selection] : Long mode
Standard Muting Mode
N/A
[Muting] : Enable
[Muting mode] : Standard Muting (Installation Example1/2)
Exit-Only Muting Mode
N/A
[Muting] : Enable
[Muting mode] : Exit-Only Muting
Test Input
N/A
Wired Synchronization
Connect the emitter and receiver with the Intelligent Tap.
3ON
4ON
5ON
8ON
*1. Reverse the polarity of the power supply when using in the NPN system. Select
a PLC and a safety controller of PNP or NPN type according to the system of
your application.
*2. Also used as OVERRIDE INPUT line.
*3. Make sure to connect an override cancel switch to the RESET line when using
the override function. Otherwise the override state may not be released by the
override cancel switch, resulting in serious injury.
*4. When connecting to the PLC, the output mode must be changed with the SD
Manager 3 according to your application. For the setting this function, refer to
the User's Manual (Man.No.Z405).
*5. Refer to page 79 for more information.
*6. The safety controller and the F3SG-SR/PG must share the power supply or be
connected to the common terminal of the power supply.
*7. For connecting with the IO-Link Master unit, refer to an instruction manual of the
IO-Link Master unit you use.
*8. This is the case for a PELV circuit.
*9. Set the function with the DIP Switches on the Intelligent Tap or SD Manager 3.
*10.Set the function with the DIP Switches on the Intelligent Tap or SD Manager 3
and wire according to the wiring diagram after restoring the settings to the
FE3SG-SR/PG when the F3SG-SR/PG or F3SG-PGA-L is used in Short Mode.
The F3SG-PGA-A/-C do not support the operating range selection function.
*11.When wiring the emitter/receiver of the F3SG-PGA-C, follow the same wiring
as for the receiver in the figure above. Wiring of the emitter side is not required.
Note: 1. When using the Intelligent Tap (F39-SGIT-IL3),
the following functions are not available.
• External Test
• Operating Range Selection by wiring
• Optical Synchronization
2. For the functional earth connection, refer to
page 83.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com