Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 10Page - Omron Electronics LLC F39-LSGA Datasheet HTML 11Page - Omron Electronics LLC F39-LSGA Datasheet HTML 12Page - Omron Electronics LLC F39-LSGA Datasheet HTML 13Page - Omron Electronics LLC F39-LSGA Datasheet HTML 14Page - Omron Electronics LLC F39-LSGA Datasheet HTML 15Page - Omron Electronics LLC F39-LSGA Datasheet HTML 16Page - Omron Electronics LLC F39-LSGA Datasheet HTML 17Page - Omron Electronics LLC F39-LSGA Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 109 page
background image
F3SG-SR/PG
14
Reduced Wiring System
Y-Joint Plug/Socket Connector
*1. When the accessory is used, protect it from cutting oil.
*2. Order the cable (root-plug cable for extended and extended cable) for emitter (end of model: -L) and the cable for receiver (end of model: -D).
Reset Switch Connector
Note: Purchase a reset switch (NC contact) separately.
*1. When the accessory is used, protect it from cutting oil.
*2. Order the extended socket-straight cable for receiver (end of model: -D).
*3. The External Device Monitoring (EDM) function cannot be used with this accessory.
Reset Switch Connector-to-Reset Switch Cable
Connector Connected to Cable, Socket on One Cable End
* When the accessory is used, protect it from cutting oil.
Appearance
Type
Specifications
Cable length
Model
M12 connectors.
Used for reduced wiring.
IP67*1 rated when mated.
0.5 m
F39-GCNY2
Appearance
Type
Specifications
Cable length
Model
M12 connectors.
Used for reduced wiring.
IP67*1 rated when mated.
0.5 m
F39-GCNY3
Appearance
Type
Specifications
Cable length
Model
M12 connector (4-pin), 4
wires
1 m
XS5F-D421-C80-F
2 m
XS5F-D421-D80-F
3 m
XS5F-D421-E80-F
5 m
XS5F-D421-G80-F
10 m
XS5F-D421-J80-F
20 m
XS5F-D421-L80-F
Emitter
Extended
Plug-Socket Cable
F39-JG
@B-L (Gray) *2
Root-Plug Cable for
Extended
F39-JGR3K-L (Gray)
*2
Extended
Socket-Straight Cable
F39-JG
@A-D (Black) *2
Root-Plug Cable for
Extended
F39-JGR3K-D (Black)
*2
Y-Joint Plug/
Socket Connector for
Advanced type
F39-GCNY2
Receiver
F3SG-SR/PG
XS5F-D421
@80-F
Extended
Socket-Straight Cable
F39-JG
@A-D (Black) *2
Reset Switch
Connector
F39-GCNY3
Root-Plug Cable for
Extended
F39-JGR3K-D (Black)
*2
F3SG-SR/PG
Receiver or emitter/receiver
Connect to
a reset switch (NC contact)
Brown
White
Blue
Black
24V/0V
RESET
0V/24V
AUX
1
2
3
4
Female
IP67
* rated when mated.
3
2
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com