Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 87 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 87 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 83Page - Omron Electronics LLC F39-LSGA Datasheet HTML 84Page - Omron Electronics LLC F39-LSGA Datasheet HTML 85Page - Omron Electronics LLC F39-LSGA Datasheet HTML 86Page - Omron Electronics LLC F39-LSGA Datasheet HTML 87Page - Omron Electronics LLC F39-LSGA Datasheet HTML 88Page - Omron Electronics LLC F39-LSGA Datasheet HTML 89Page - Omron Electronics LLC F39-LSGA Datasheet HTML 90Page - Omron Electronics LLC F39-LSGA Datasheet HTML 91Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 109 page
background image
Common to F3SG-SR and F3SG-PG
87
Manual Reset Mode with EDM and Y-Joint Plug/Socket Connector
[Wiring Example]
Note: 1. When using the Y-Joint Plug/Socket Connector (F39-GCNY2), the following functions are not available.
• External Test
• Operating Range Selection by wiring
• Wired Synchronization
2. For the functional earth connection, refer to page 83.
F3SG-SRA
Available
F3SG-PGA-A/-L
Available
F3SG-SRB
Available
F3SG-PGA-C
Not available
F39-JGR3K-L and F39-JG
□B-L
F39-GCNY2
F39-JG
†A-D
24 VDC
Wiring for NPN
*1
*3
24 VDC
Timing chart
F39-JGR3K-D and F39-JG
□B-D
IN
PLC
*2
KM1
KM2
M
KM1
KM2
S1
KM1
KM2
Beam state: Unblocked
Blocked
Reset switch (S)
OSSD
S1: Lockout/interlock reset switch
KM1, KM2: Safety relay with forcibly guided contacts (G7SA) or magnetic contactor
M: Motor
PLC: Programmable logic controller (Used for monitoring only. NOT related to
safety system.)
Needed
Intelligent Tap
*1. Reverse the polarity of the power supply when using in the NPN system.
Select a PLC of PNP or NPN type according to the system of your application.
*2. When connecting to the PLC, the output mode must be changed with the SD
Manager 3 according to your application. For the setting this function, refer to
the User's Manual (Man.No.Z405).
*3. This is the case for a PELV circuit.
*4. Set the function with the DIP Switches on the Intelligent Tap or the SD
Manager 3, restore the settings to the F3SG-SR/PG, and perform wiring
according to the wiring diagram.
: Indicates a switch position.
Function
Setting
DIP switch
SD Manager 3
EDM *4
EDM Enabled
[External device monitoring] : Enable
Interlock *4
Manual Reset (Start/
Restart Interlock)
[Start interlock] : Enable
[Restart interlock] : Enable
Operating Range Selection
Long
Non-Muting system
Perform wiring according to the wiring diagram.
N/A
[Muting] : Disable *4
External Test not used
N/A
Optical Synchronization
Connect the wires according to the diagram above.
4ON
5ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com