Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 15Page - Omron Electronics LLC F39-LSGA Datasheet HTML 16Page - Omron Electronics LLC F39-LSGA Datasheet HTML 17Page - Omron Electronics LLC F39-LSGA Datasheet HTML 18Page - Omron Electronics LLC F39-LSGA Datasheet HTML 19Page - Omron Electronics LLC F39-LSGA Datasheet HTML 20Page - Omron Electronics LLC F39-LSGA Datasheet HTML 21Page - Omron Electronics LLC F39-LSGA Datasheet HTML 22Page - Omron Electronics LLC F39-LSGA Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 109 page
background image
F3SG-SR/PG
19
Optional Accessories for F3SG-SR (Note: Cannot be used on F3SG-PG.)
Spatter Protection Cover
(2 covers per set, one for emitter and one for receiver)
Note: Two or more spatter protection covers can be attached to the safety light curtain with a protective height not listed above.
The F39-HSG0360 is also available for use together with other spatter protection covers.
Test Rod *
* When you need a test rod larger than 30 mm in diameter, prepare it by yourself.
Appearance
Safety light curtain
Model
Finger protection
Hand protection
Arm/leg protection
(Operating range becomes
10% shorter than the rating)
F3SG-4SR0160-14
F3SG-4SR0160-25
---
F39-HSG0160
F3SG-4SR0240-14
F3SG-4SR0240-25
F3SG-4SR0240-45
F39-HSG0240
F3SG-4SR0320-14
F3SG-4SR0320-25
---
F39-HSG0320
F3SG-4SR0400-14
F3SG-4SR0400-25
F3SG-4SR0400-45
F39-HSG0400
F3SG-4SR0480-14
F3SG-4SR0480-25
---
F39-HSG0480
F3SG-4SR0560-14
F3SG-4SR0560-25
F3SG-4SR0560-45
F39-HSG0560
F3SG-4SR0640-14
F3SG-4SR0640-25
---
F39-HSG0640
---
F3SG-4SR0720-25
F3SG-4SR0720-45
F39-HSG0720
F3SG-4SR0800-14
F3SG-4SR0800-25
---
F39-HSG0800
---
F3SG-4SR0880-25
F3SG-4SR0880-45
F39-HSG0880
F3SG-4SR0960-14-F
F3SG-4SR0960-25
---
F39-HSG0960
---
F3SG-4SR1040-25
---
F39-HSG1040
---
F3SG-4SR1120-25
---
F39-HSG1120
F3SG-4SR1200-14
F3SG-4SR1200-25
F3SG-4SR1200-45
F39-HSG1200
---
F3SG-4SR1280-25
---
F39-HSG1280
---
F3SG-4SR1360-25
---
F39-HSG1360
---
F3SG-4SR1440-25
---
F39-HSG1440
---
F3SG-4SR1520-25
F3SG-4SR1520-45
F39-HSG1520
F3SG-4SR1600-14
F3SG-4SR1600-25
---
F39-HSG1600
---
F3SG-4SR1680-25
---
F39-HSG1680
---
F3SG-4SR1760-25
---
F39-HSG1760
---
F3SG-4SR1840-25
---
F39-HSG1840
---
F3SG-4SR1920-25
---
F39-HSG1920
Appearance
Diameter
Model
---
14 mm
F39-TRD14
25 mm
F39-TRD25
30 mm
F39-TRD30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com