Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 62 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 62 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 58Page - Omron Electronics LLC F39-LSGA Datasheet HTML 59Page - Omron Electronics LLC F39-LSGA Datasheet HTML 60Page - Omron Electronics LLC F39-LSGA Datasheet HTML 61Page - Omron Electronics LLC F39-LSGA Datasheet HTML 62Page - Omron Electronics LLC F39-LSGA Datasheet HTML 63Page - Omron Electronics LLC F39-LSGA Datasheet HTML 64Page - Omron Electronics LLC F39-LSGA Datasheet HTML 65Page - Omron Electronics LLC F39-LSGA Datasheet HTML 66Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 109 page
background image
F3SG-SR/PG
62
Y-Joint Plug/Socket Connector (F39-GCNY2, sold separately)
Reset Switch Connector (F39-GCNY3, sold separately)
Connector Connected to Cable, Socket on One Cable End (XS5F-D421-80-F, sold separately)
Model
Length
F39-GCNY2
0.5 m
Model
Length
F39-GCNY3
0.5 m
Model
Length (L)
XS5F-D421-C80-F
1 m
XS5F-D421-D80-F
2 m
XS5F-D421-E80-F
3 m
XS5F-D421-G80-F
5 m
XS5F-D421-J80-F
10 m
XS5F-D421-L80-F
20 m
CN1
CN2
17.7
45.5
500
40.7
15.0
M12 x 1
4.6
dia.
To control
panel side
To emitter
M12 IP67 connector,
8-wire
M12 IP67 connector,
5-wire
M12 IP67 connector, 8-wire
Insulated vinyl round cable, dia. 6
minimum bending radius R36
To receiver
Material: PBT (Main body)
Plug marked with
(blue circle): Connect to control panel side
Socket marked with
(open circle): Connect to emitter
Material: PBT (Main body)
CN1
CN3
To receiver
CN2
To control
panel side
To reset
switch side
Plug marked with
(blue circle): Connect to control panel side
Plug marked with
(open circle): Connect to reset switch side
17.6
45.5
15.0
40.7
500
M12 IP67 connector, 8-wire
Insulated vinyl round cable, dia. 6
minimum bending radius R36
M12 IP67 connector, 4-wire
M12 IP67 connector, 8-wire
50
5
30
14.9 dia.
40.7
L (Cable length)
Insulated vinyl round cable dia. 6
M12 IP67 connector, 4-wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com