Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 20Page - Omron Electronics LLC F39-LSGA Datasheet HTML 21Page - Omron Electronics LLC F39-LSGA Datasheet HTML 22Page - Omron Electronics LLC F39-LSGA Datasheet HTML 23Page - Omron Electronics LLC F39-LSGA Datasheet HTML 24Page - Omron Electronics LLC F39-LSGA Datasheet HTML 25Page - Omron Electronics LLC F39-LSGA Datasheet HTML 26Page - Omron Electronics LLC F39-LSGA Datasheet HTML 27Page - Omron Electronics LLC F39-LSGA Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 109 page
background image
F3SG-SR/PG
24
Safety Multi-Light Beam
Model
F3SG-4PGA-A
F3SG-4PGA-L
F3SG-4PGA-C
SELV/PELV 24 VDC ±20% (ripple p-p 10% max.)
Power supply voltage (Vs)
Electri
cal
Refer to page 30.
Current consumption
Two PNP or NPN transistor outputs (PNP or NPN is selectable by wiring of power supply.)
Load current: 300 mA max., Residual voltage: 2 V max. (except for voltage drop due to cable extension), Capacitive
load: 1 µF max., Inductive load: 2.2 H max.
Leakage current: 1 mA max. (PNP), 2 mA max. (NPN)
*1. The load current is 150 mA max. when the operating ambient temperature is between 45°C and 55°C.
*2. The residual voltage is 3 V max. when the Intelligent Tap is connected to the sensor.
*3. The load inductance is the maximum value when the safety output frequently repeats ON and OFF.
When you use the safety output at 4 Hz or less, the usable load inductance becomes larger.
*4. These values must be taken into consideration when connecting elements including a capacitive load such as a
capacitor.
Safety outputs (OSSD)
Two PNP or NPN transistor 1 outputs (PNP or NPN is selectable by wiring of power supply.)
Load current: 100 mA max., Residual voltage: 2 V max. *
* The residual voltage is 3 V max. when the Intelligent Tap is connected to the sensor.
Auxiliary output
Light-ON (Safety outputs are turned to the ON state when the receiver receives an emitting signal.)
Safety output
Output
operation mode
Safety output (Inverted signal output: Enable) (default) (Configurable by SD Manager 3)
Auxiliary output
Light emission stops when connected to 24 VDC
ON voltage: Vs-3 V to Vs (short circuit current: approx. 5.0 mA) *
OFF voltage: 0 V to 1/2 Vs, or open (short circuit current: approx. 6.0mA)
Light emission stops when connected to 0 V
ON voltage: 0 to 3 V (short circuit current: approx. 6.0 mA)
OFF voltage: 1/2 Vs to Vs, or open (short circuit current: approx. 5. 0mA) *
---
TEST
Input voltage
---
Long: 12V to Vs (short circuit current:
approx. 4.2 mA) * or open
Short: 0 to 3V (short circuit current:
approx. 4.2 mA)
---
OPERATING
RANGE SELECT
INPUT
PNP
ON voltage: Vs-3 V to Vs (short circuit current: approx. 9.5 mA) *
OFF voltage: 0 V to 1/2 Vs, or open (short circuit current: approx. 13.0 mA) *
NPN
ON voltage: 0 to 3 V (short circuit current: approx. 13.0 mA)
OFF voltage: 1/2 Vs to Vs, or open (short circuit current: approx. 9.5 mA) *
RESET/EDM
PNP
ON voltage: Vs-3 V to Vs (short circuit current: approx. 4.5 mA) *
OFF voltage: 0 V to 1/2 Vs, or open (short circuit current: approx. 7.0mA) *
NPN
ON voltage: 0 to 3 V (short circuit current: approx. 7.0mA)
OFF voltage: 1/2 Vs to Vs, or open (short circuit current: approx. 4.5mA) *
MUTE A/B,
RE-RESET, PSDI
* The Vs indicates a supply voltage value in your environment.
II
Overvoltage category (IEC 60664-1)
Refer to page 93.
Indicators
Output short-circuit protection
Protective circuit
20 M or higher (500 VDC megger)
Insulation resistance
1,000 VAC, 50/60 Hz (1 min)
Dielectric strength
Optical synchronization by Scan Code: in up to 2 sets
Wired synchronization: in up to 3 sets
Mutual interference prevention
Functi
onal
---
Cascade connection
Self-test (at power-on, and during operation)
External test (light emission stop function by test input)
Self-test
(at power-on, and during operation)
Test function
Interlock
External Device Monitoring (EDM)
Pre-Reset
Muting/Override
Mutual Interference Prevention
PNP/NPN Selection
Response Time Adjustment
Safety-related functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com