Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 95 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 95 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 91Page - Omron Electronics LLC F39-LSGA Datasheet HTML 92Page - Omron Electronics LLC F39-LSGA Datasheet HTML 93Page - Omron Electronics LLC F39-LSGA Datasheet HTML 94Page - Omron Electronics LLC F39-LSGA Datasheet HTML 95Page - Omron Electronics LLC F39-LSGA Datasheet HTML 96Page - Omron Electronics LLC F39-LSGA Datasheet HTML 97Page - Omron Electronics LLC F39-LSGA Datasheet HTML 98Page - Omron Electronics LLC F39-LSGA Datasheet HTML 99Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 109 page
background image
Common to F3SG-SR and F3SG-PG
95
Receiver (F3SG-SR/PG)
*1. Refer to Troubleshooting on page 97 for more information on blinking patterns.
*2. Configurable by SD Manager 3.
*3. This is the case for the Standard Muting mode. For other muting modes, refer to User's Manual (Man.No.Z405).
*4. The Area Beam Indicator closer to the "TOP" mark on the F3SG-SR/PG blinks.
*5. The Area Beam Indicator closer to the "BTM" mark on the F3SG-SR/PG blinks.
*6. DIP switches is on the Intelligent Tap.
Note: In the SETTING state to make settings with the SD Manager 3, the TEST, LONG and CODE indicators on the emitter and the CFG, PNP
and CODE indicators on the receiver blink. (TEST: Yellow, LONG/CODE: Green, CFG/PNP/CODE: Green)
For more information on the statuses of the LED indicators in the SETTING state, refer to User's Manual (Man.No.Z405).
Location Indicator
Name
Color
Illuminated
Blinking
F3SG-SRA F3SG-SRB F3SG-PG
1
Scan code
Green Code A is selected
---
X
X
X
Orange Code B is selected
OFF
Automatic interference prevention
by wired synchronization being
performed
2
Lockout
Red
LOCKOUT state. The indicator is
illuminated in the receiver of another
sensor segment than that having a
lockout error (when in cascade
connection or between the emitter
and receiver in the Wired
Synchronization)
LOCKOUT state. The indicator is
illuminated in the receiver of a sensor
segment having a lockout error
X
X
X
3
ON/OFF
Green Safety outputs are in ON state
---
X
X
X
Red
Safety outputs are in OFF state
LOCKOUT state due to Safety output error,
or error due to abnormal power supply or
noise
X
X
X
4
Maintenance
Red
LOCKOUT state due to a recoverable
error (Whenin cascade connection, the
indicator of only the sensor segment
having the error is illuminated)
LOCKOUT state due to a replacement-
recommended error (When in cascade
connection, the indicator of only the sensor
segment having the error blinks)
X
X
X
Orange
Safety outputs are instantaneously
turned OFF due to ambient light,
vibration or noise. Or sequence
error in Muting, Pre-Reset or PSDI
Intelligent Tap is in the LOCKOUT state
X
X
X
5
PNP/NPN
mode
Green PNP is configured
Polarity of PNP is changed to NPN, or vice
versa, during operation, and internal circuit
is defective
X
X
X
OFF
NPN is configured
---
6
Configuration
Green
Fixed or Floating Blanking, Reduced
Resolution, Warning Zone or Slow
mode of Response Time
Adjustment is enabled. Or after the
Muting zone is determined by the
Dynamic Muting function.
TEACH-IN mode, zone measurement being
performed by Dynamic Muting, or
LOCKOUT state due to Blanking monitoring
error, Configuration error or Parameter error
X
X
X
7
Sequence
Yellow INTERLOCK state
Sequence or sequence error in Muting, Pre-
Reset or PSDI (*1) or Teach-in error
X
X
X
8
---
Area Beam
Indicator
(ABI)
Green
The target beams of the ABI are
unblocked and the safety outputs
are turned ON
MUTING or OVERRIDE state. In the
MUTING state, only the ABI indicators in the
muting zone are blinking. Or the target
beams of the ABI are blocked
instantaneously
X
---
X
Orange
Incident light level of the target
beams of the ABI is 170% (factory
default setting (*2)) or less of ON-
threshold (for 5 to 10 s)
Incident light level of the target beams of the
ABI is 170% (factory default setting (*2)) or
less of ON threshold 5 to 10 s after
illuminated when incident light level of the
target beams of the ABI is 170% (factory
default setting (*2)) or less of ON threshold.
Or one muting input becomes the ON state
and the MUTING state has not been started
yet, or one muting input becomes the OFF
state and the other is not in the OFF state
yet. (*3)
Red
The target beams of the ABI are
blocked
LOCKOUT state due to Cap error or Other
sensor error (*4), or LOCKOUT state due to
DIP Switch setting error (*5*6)
OFF
The target beams of the ABI are
unblocked (The ABI then will be
illuminated in green when the safety
outputs are turned ON.)
---
9
TOP
Top-beam-
state
Blue
The top beam is unblocked
MUTING/OVERRIDE state, or LOCKOUT
state due to Cap error or Other sensor error
---
X
---
10
BTM
Bottom-
beam-state
Blue
The bottom beam is unblocked
MUTING/OVERRIDE state, or LOCKOUT
state due to DIP Switch setting error (*6)
---
X
---
CODE
C
or
ERR
E
or
OSSD
O
or
MAINT
M
or
PNP
P
or
CFG
F
or
SEQ
S
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com