Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 12Page - Omron Electronics LLC F39-LSGA Datasheet HTML 13Page - Omron Electronics LLC F39-LSGA Datasheet HTML 14Page - Omron Electronics LLC F39-LSGA Datasheet HTML 15Page - Omron Electronics LLC F39-LSGA Datasheet HTML 16Page - Omron Electronics LLC F39-LSGA Datasheet HTML 17Page - Omron Electronics LLC F39-LSGA Datasheet HTML 18Page - Omron Electronics LLC F39-LSGA Datasheet HTML 19Page - Omron Electronics LLC F39-LSGA Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 109 page
background image
F3SG-SR/PG
16
Cable for Muting Sensor Connection Box
Note: 1. Select the same output type for both the safety light curtain/safety multi-light beam (PNP/NPN selection by wiring) and muting sensor
(PNP or NPN model).
2. For details of the XS3W, refer to your local OMRON website.
3. Use the F39-JGB-D Extended Plug-Socket Cable to connect the muting sensor connection box with the Intelligent Tap.
The connection example for optical synchronization is shown below.
Appearance
Application
Specifications
Cable Length
Model
Cable to connect the Muting Sensor
and F39-GCN5 Muting Sensor
Connection Box.
Connectors connected to cable,
M8 socket and M12 plug on cable
ends (4 pin)
0.2 m
XS3W-M42C-4C2-A
Sensor I/O Connectors
Connectors with Cables, Connectors
on Both Cable Ends (Socket/Plug)
Connectors connected to cable,
M8 socket and M8 plug on cable
ends (4 pin)
Straight (socket, plug)
1 m
XS3W-M421-401-R
2 m
XS3W-M421-402-R
5 m
XS3W-M421-405-R
10 m
XS3W-M421-410-R
Sensor I/O Connectors
Connectors with Cables, Connectors
on Both Cable Ends (Socket/Plug)
Used together with the XS3W-M42C-
4C2-A when the space to connect to
the connector of the E3Z Muting
Sensor is between 40 and 80 mm.
Connectors connected to cable,
M8 socket and M8 plug on cable
ends (4 pin)
Right-angle (socket)/straight (plug)
2 m
XS3W-M424-402-R
5 m
XS3W-M424-405-R
Cable to connect the device for
auxiliary output and F39-GCN5 Muting
Sensor Connection Box
Connector connected to cable,
M12 plug on one cable end (4
pin)
0.3 m
XS5H-D421-A80-F
1 m
XS5H-D421-C80-F
2 m
XS5H-D421-D80-F
5 m
XS5H-D421-G80-F
Cable to connect the device for reset
input and F39-GCN5 Muting Sensor
Connection Box
Connector connected to cable,
M12 plug on one cable end (5 pin)
0.3 m
XS2H-D521-AG0-A
1 m
XS2H-D521-CG0-A
82
4
6
71
3
5
Emitter
Receiver
Root-Plug Cable
for Extended
F39-JGR3K-L
(Gray)
F39-JGR3K-D
(Black)
Extended
Plug-Socket Cable
F39-JG
@B-L
(Gray)
F39-JG
@B-D
(Black)
AUX
RESET
Intelligent Tap
F39-SGIT-IL3
Muting sensors
E3Z
(Retro-reflective)
Muting sensors
E3Z
(Retro-reflective)
F39-JG
@B-D
(Black)
XS5H-D421-
@80-F
XS2H-D521-
@G0-A
XS3W-M421-4
@@-@
A1
B1
B2
A2
XS3W-M42C-4C2-A
CN4
CN1
CN3
CN2
<Connection example>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com