Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 94 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 94 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 90Page - Omron Electronics LLC F39-LSGA Datasheet HTML 91Page - Omron Electronics LLC F39-LSGA Datasheet HTML 92Page - Omron Electronics LLC F39-LSGA Datasheet HTML 93Page - Omron Electronics LLC F39-LSGA Datasheet HTML 94Page - Omron Electronics LLC F39-LSGA Datasheet HTML 95Page - Omron Electronics LLC F39-LSGA Datasheet HTML 96Page - Omron Electronics LLC F39-LSGA Datasheet HTML 97Page - Omron Electronics LLC F39-LSGA Datasheet HTML 98Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 109 page
background image
Common to F3SG-SR and F3SG-PG
94
Shown below are indication statuses of the LED indicators on the F3SG-SR/PG when you purchased.
Emitter (F3SG-SR/PG)
*1. The indicator of the emitter is illuminated only in the case the Wired Synchronization is enabled and is off in the case the Optical
Synchronization is enabled.
*2. Configurable by SD Manager 3.
*3. This is the case for the Standard Muting mode. For other muting modes, refer to User's Manual (Man.No.Z405).
*4. The Area Beam Indicator closer to the "TOP" mark on the F3SG-SR/PG blinks.
*5. The Area Beam Indicator closer to the "BTM" mark on the F3SG-SR/PG blinks.
*6. DIP switches is on the Intelligent Tap.
Location Indicator
Name
Color
Illuminated
Blinking
F3SG-SRA F3SG-SRB F3SGPG-A F3SGPG-L
1
Scan
code
Green Code A is selected
---
X
X
X
X
Orange Code B is selected
OFF
Automatic interference
prevention by wired
synchronization being
performed
2
Lockout
Red
LOCKOUT state. The indicator
is illuminated in the emitter of
another sensor segment than
that having a lockout error
(when in cascade connection
or between the emitter and
receiver in the Wired
Synchronization)
LOCKOUT state. The indicator is
illuminated in the emitter of a
sensor segment having a lockout
error
X
X
X
X
3
Operating
range
Green Long Mode is selected
LOCKOUT state due to Operating
range selection setting error
X
X
---
X
OFF
Short Mode is selected
---
4
Test
Yellow
---
External Test is being performed
X
X
X
X
5
---
Area
Beam
Indicator
(ABI) (*1)
Green
The target beams of the ABI
are unblocked and the safety
outputs are turned ON
MUTING or OVERRIDE state. In
the MUTING state, only the ABI
indicators in the muting zone are
blinking. Or the target beams of
the ABI are blocked
instantaneously
X
---
X
X
Orange
Incident light level of the target
beams of the ABI is 170%
(factory default setting (*2)) or
less of ON-threshold (for 5 to
10 s)
Incident light level of the target
beams of the ABI is 170% (factory
default setting (*2)) or less of ON
threshold
5 to 10 s after illuminated when
incident light level of the target
beams of the ABI is 170% (factory
default setting (*2)) or less of ON
threshold. Or one muting input
becomes the ON state and the
MUTING state has not been
started yet, or one muting input
becomes the OFF state and the
other is not in the OFF state yet.
(*3)
Red
The target beams of the ABI
are blocked
LOCKOUT state due to Cap error
or Other sensor error (*4), or
Lockout state due to DIP Switch
setting error (*5 *6)
OFF
The target beams of the ABI
are unblocked (The ABI then
will be illuminated in green
when the safety outputs are
turned ON.)
---
6
TOP
Top-
beam-
state (*1)
Blue
The top beam is unblocked
MUTING/OVERRIDE state, or
LOCKOUT state due to Cap error
or Other sensor error
---
X
---
---
7
BTM
Bottom-
beam-
state (*1)
Blue
The bottom beam is unblocked
MUTING/OVERRIDE, or
LOCKOUT state due to DIP
Switch setting error (*6)
---
X
---
---
CODE
C
or
ERR
E
or
LONG
L
or
TEST
T
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com