Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 18Page - Omron Electronics LLC F39-LSGA Datasheet HTML 19Page - Omron Electronics LLC F39-LSGA Datasheet HTML 20Page - Omron Electronics LLC F39-LSGA Datasheet HTML 21Page - Omron Electronics LLC F39-LSGA Datasheet HTML 22Page - Omron Electronics LLC F39-LSGA Datasheet HTML 23Page - Omron Electronics LLC F39-LSGA Datasheet HTML 24Page - Omron Electronics LLC F39-LSGA Datasheet HTML 25Page - Omron Electronics LLC F39-LSGA Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 109 page
background image
F3SG-SR/PG
22
Safety Multi-Light Beam
Model
F3SG-4PGA-A
F3SG-4PGA-L
F3SG-4PGA-C
Opaque objects
Object resolution
(Detection capability)
Perfor
mance
30-mm dia.
* It is the minimum diameter of an object that can be detected on the any optical axes, and the definition of the term
is different from that for the F3SG-SR. The minimum diameter that can be detected in any position of the product
length is "detection capability (30 mm) + beam gap".
F3SG-4PGA0670-2: 500 mm
F3SG-4PGA0970-3: 400 mm
F3SG-4PGA1070-4: 300 mm
F3SG-4PGA1370-4: 400 mm
F3SG-4PGA0670-2C: 500 mm
F3SG-4PGA1070-4C: 300 mm
F3SG-4PGA1370-4C: 400 mm
Beam gap
F3SG-4PGA0670-2: 2
F3SG-4PGA0970-3: 3
F3SG-4PGA1070-4: 4
F3SG-4PGA1370-4: 4
F3SG-4PGA0670-2C: 2
F3SG-4PGA1070-4C: 4
F3SG-4PGA1370-4C: 4
Number of beams
8.1 × 12.8 mm (W × H)
Lens size
---
Protective height
670 mm/970 mm/1070 mm/1370 mm
Product length
0.5 to 20.0 m (Typ. 30.0 m)
20.0 to 70.0 m (Typ. 110.0 m)
0.5 to 5.0 m (Typ. 8.0 m)
Long
Operating range
---
0.5 to 20.0 m (Typ. 30.0 m)
---
Short
Optical synchronization: 8 ms
Wired synchronization: 10 ms
ON to
OFF
Normal
mode
Response time
*
Optical synchronization: 40 ms
Wired synchronization: 50 ms
OFFto
ON
Optical synchronization: 16 ms
Wired synchronization: 20 ms
ON to
OFF
×2 Slow
mode *2
Optical synchronization: 80 ms
Wired synchronization: 100 ms
OFFto
ON
Optical synchronization: 32 ms
Wired synchronization: 40 ms
ON to
OFF
×4 Slow
mode *2
Optical synchronization: 160 ms
Wired synchronization: 200 ms
OFFto
ON
Optical synchronization: 64 ms
Wired synchronization: 80 ms
ON to
OFF
×8 Slow
mode *2
Optical synchronization: 320 ms
Wired synchronization: 400 ms
OFFto
ON
* Selectable by SD Manager 3.
±2.5° max. * Emitter, receiver, and Emitter/receiver at operating range of 3 m or greater.
Passive mirror not applicable
Effective aperture angle (EAA)
(IEC 61496-2)
Infrared LEDs, Wavelength: 870 nm
Light source
3 s max.
Startup waiting time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com