Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 85 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 85 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 81Page - Omron Electronics LLC F39-LSGA Datasheet HTML 82Page - Omron Electronics LLC F39-LSGA Datasheet HTML 83Page - Omron Electronics LLC F39-LSGA Datasheet HTML 84Page - Omron Electronics LLC F39-LSGA Datasheet HTML 85Page - Omron Electronics LLC F39-LSGA Datasheet HTML 86Page - Omron Electronics LLC F39-LSGA Datasheet HTML 87Page - Omron Electronics LLC F39-LSGA Datasheet HTML 88Page - Omron Electronics LLC F39-LSGA Datasheet HTML 89Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 109 page
background image
Common to F3SG-SR and F3SG-PG
85
Auto Reset Mode with Wired Synchronization and EDM Unused
[Wiring Example]
Note: For the functional earth connection, refer to page 83.
F3SG-SRA
Available
F3SG-PGA-A/-L
Available
F3SG-SRB
Available
F3SG-PGA-C
Not available
Beam state: Unblocked
Blocked
OSSD
F39-JG
†C-L
F39-JG
†C-D
Timing chart
24 VDC
Wiring for NPN
*1
24 VDC
IN1
IN2
*6
Safety controller
*4 *5
Not needed
Intelligent Tap
Function
Setting
EDM
EDM Disabled (factory default setting)
Interlock
Auto Reset (factory default setting)
Operating Range Selection
Long (factory default setting)
Non-Muting system
Perform wiring according to the wiring diagram.
External Test not used
Connect the TEST line of the emitter to 0V/24V of the emitter.
Optical Synchronization
Connect the COM(+) and COM(-) line of the emitter and receiver with each other.
*1. Reverse the polarity of the power supply when using in the NPN system. Select a safety
controller of PNP or NPN type according to the system of your application.
*2. If External Test is used, refer to the User's Manual (Man.No.Z405).
*3. Connect the line to 24V/0V (brown) of the receiver via a lockout reset switch (NC contact) if
Lockout Reset is used.
*4. Refer to page 79 for more information.
*5. The safety controller and the F3SG-SR/PG must share the power supply or be connected to
the common terminal of the power supply.
*6. This is the case for a PELV circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com