Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 32 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 28Page - Analog Devices ADF4378 Datasheet HTML 29Page - Analog Devices ADF4378 Datasheet HTML 30Page - Analog Devices ADF4378 Datasheet HTML 31Page - Analog Devices ADF4378 Datasheet HTML 32Page - Analog Devices ADF4378 Datasheet HTML 33Page - Analog Devices ADF4378 Datasheet HTML 34Page - Analog Devices ADF4378 Datasheet HTML 35Page - Analog Devices ADF4378 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
Data Sheet
ADF4378
THEORY OF OPERATION
analog.com
Rev. A | 32 of 84
Table 24. Double Buffer Enable Bits and Bit Fields
Double Buffer Enable Bits
Double Buffered Bit Fields
Not applicable, always enabled
N_INT bits, Bits[11:0], R_DIV,
EN_RDBLR, CP_I
CLKODIV_DB
CLKOUT_DIV
DCLK_DIV_DB
DCLK_DIV1, DCLK_DIV2
O_VCO_DB
M_VCO_CORE, M_VCO_BAND,
M_VCO_BIAS
DEL_CTRL_DB
INV_CLKOUT, BLEED_I bits, Bits[9:0],
BLEED_POL, N_DEL, R_DEL
Serial Port
The SPI-compatible serial port provides control and monitoring
functionality. The CMOS_OV bit determines if the logic high level
for the SDO and SDIO SPI output pins is 3.3 V or 1.8 V. CMOS_OV
also sets the output level for MUXOUT and LKDET.
The serial port can be programmed to support several different
configurations in REG0000 and REG0001.
The SDO_ACTIVE bit determines if the serial port is configured as
a 3-wire or 4-wire serial interface (see the timing diagrams Figure 2,
Figure 3, and Figure 4).
As shown in Figure 82 and Figure 83, the instruction cycle is
composed of 16 bits. The fifteen LSB bits determine the register
address, and the MSB determines if data is written to or read from
the serial interface during the data transfer cycle. The LSB_FIRST
bit determines the data orientation of the instruction cycle and data
transfer cycle of the serial interface.
Figure 82. Serial Interface, MSB First (LSB_FIRST = 0)
Figure 83. Serial Interface, LSB First (LSB_FIRST = 1)
The SPI register map can be programmed with single instructions,
as shown in Figure 82 and Figure 83, or in streaming mode,
as shown in Figure 84. Streaming mode allows for efficient data
transfer read or write cycles to multiple registers. Streaming mode
allows the user to program a bit stream composed of one register
address in the instruction header and data for that register address,
which is then followed by data in subsequent register addresses.
The ADDRESS_ASCENSION bit determines if the subsequent reg-
ister addresses are incremented or decremented. It is recommend-
ed to decrement the register addresses in streaming mode (AD-
DRESS_ASCENSION = 0). The reason for this recommendation is
because REG0010 triggers the VCO calibration and loading of all
double buffers and, therefore, must be the last SPI register written
to. The SINGLE_INSTRUCTION bit disables streaming mode when
it is set to 1. When SINGLE_INSTRUCTION is set to 0, streaming
mode is enabled.
Block Power-Down Control
The power-down control bits of the ADF4378 reside in REG0019
and REG001A. The PD_ALL, PD_RDET, PD_CLKOUT, and
PD_SYSOUT bits may be programmed independently.
The PD_CLK, PD_CALDAC, PD_RDIV, PD_NDIV, PD_VCO,
PD_LD, and PD_PFDCP bits must be set to the same state at
all times. The only time this group is allowed to be set to 1 is when
a full power-down ambient temperature measurement is performed
(see Table 23). In all other cases, this bit grouping must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com