Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 1 Page - Analog Devices

  ADF4378 Datasheet HTML 1Page - Analog Devices ADF4378 Datasheet HTML 2Page - Analog Devices ADF4378 Datasheet HTML 3Page - Analog Devices ADF4378 Datasheet HTML 4Page - Analog Devices ADF4378 Datasheet HTML 5Page - Analog Devices ADF4378 Datasheet HTML 6Page - Analog Devices ADF4378 Datasheet HTML 7Page - Analog Devices ADF4378 Datasheet HTML 8Page - Analog Devices ADF4378 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
Data Sheet
ADF4378
Microwave Wideband Synthesizer with Integrated VCO and Deterministic General-
Purpose Pulse Retimer
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Output frequency range: 800 MHz to 12.8 GHz
►
Jitter = 18 fsRMS (integration bandwidth: 100 Hz to 100 MHz)
►
Jitter = 27 fsRMS (ADC SNR method)
►
Wideband noise floor: −160 dBc/Hz at 12 GHz
►
Retimed LVDS SYSREF output
►
General-purpose pulse retimer for SYSREF, SYNC, and MCS
applications
►
PLL specifications
►
−239 dBc/Hz: normalized in-band phase noise floor
►
−147 dBc/Hz: normalized in-band 1/f phase noise floor
►
Phase detector frequency up to 500 MHz
►
Reference input frequency up to 1000 MHz
►
Typical spurious fPFD: −95 dBc PFD at fOUT = 12 GHz
►
Reference input to output delay specifications
►
Device-to-device standard deviation: 3 ps
►
Temperature coefficient: 0.03 ps/°C
►
Adjustment step size: < ±0.1 ps
►
Multichip output phase alignment
►
3.3 V and 5 V power supplies
►
Available in 48-lead, 7 mm × 7 mm LGA package
APPLICATIONS
►
High performance data converter and MxFE clocking
►
Wireless infrastructure (MC-GSM, 5G)
►
Test and measurement
►
FPGA with integrated data converters
GENERAL DESCRIPTION
The ADF4378 is a high performance, ultra-low jitter, integer-N
phased locked loop (PLL) with an integrated voltage controlled
oscillator (VCO) and system reference (SYSREF) retimer ideally
suited for data converter and mixed signal front end (MxFE) clock
applications. The high performance PLL has a −239 dBc/Hz: nor-
malized in-band phase noise floor, ultra-low 1/f noise, and a high
phase/frequency detector (PFD) frequency that can achieve ultra-
low in-band noise and integrated jitter. The fundamental VCO and
output divider of the ADF4378 generate frequencies from 800 MHz
to 12.8 GHz. The ADF4378 integrates all necessary power-supply
bypass capacitors, which saves board space on compact boards.
For multiple data converter and MxFE clock applications, the
ADF4378 simplifies clock alignment and calibration routines re-
quired with other clock solutions by implementing the automatic
reference to output synchronization feature, the matched reference
to output delays across process, voltage, and temperature feature,
and the less than ±0.1 ps, jitter free reference to output delay
adjustment capability feature.
The general-purpose pulse retimer feature allows for predicta-
ble and precise multichip clock and pulse alignment for SYS-
REF, SYNC, and multichip synchronization (MCS) architectures.
JESD204B and JESD204C Subclass 1 solutions are supported by
pairing the ADF4378 with an integrated circuit (IC) that distributes
pairs of reference and SYSREF signals. The pulse retimer feature
simplifies the system design by allowing the widely distributed
SYSREF to only meet the slower reference frequency timing vs.
the much more stringent output clock timing. Serial-peripheral
interface (SPI) selectable current-mode logic (CML)/low-voltage
positive/pseudo emitter-coupled logic (LVPECL) or low-voltage dif-
ferential signaling (LVDS) SYSREF input and LVDS SYSREF out-
put allow CML to LVDS signal conversion, which simplifies clock
and SYSREF alignment for various converters. The pulse retimer
feature also can be used with transceiver MCS signals and SYNC
signals for other ICs.


Similar Part No. - ADF4378

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4378 AD-ADF4378 Datasheet
4Mb / 85P
Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
Rev. 0
ADF4378BCCZ AD-ADF4378BCCZ Datasheet
4Mb / 85P
Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
Rev. 0
ADF4378BCCZ-RL7 AD-ADF4378BCCZ-RL7 Datasheet
4Mb / 85P
Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
Rev. 0
More results

Similar Description - ADF4378

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5355 AD-ADF5355 Datasheet
817Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
REV. A
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. C to Rev D
ADF4372 AD-ADF4372 Datasheet
849Kb / 47P
Microwave Wideband Synthesizer with Integrated VCO
8/2019-Revision 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4378 AD-ADF4378 Datasheet
4Mb / 85P
Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com