Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 71 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 67Page - Analog Devices ADF4378 Datasheet HTML 68Page - Analog Devices ADF4378 Datasheet HTML 69Page - Analog Devices ADF4378 Datasheet HTML 70Page - Analog Devices ADF4378 Datasheet HTML 71Page - Analog Devices ADF4378 Datasheet HTML 72Page - Analog Devices ADF4378 Datasheet HTML 73Page - Analog Devices ADF4378 Datasheet HTML 74Page - Analog Devices ADF4378 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
Data Sheet
ADF4378
REGISTER DETAILS
analog.com
Rev. A | 71 of 84
Table 87. Bit Descriptions for REG002E (Continued)
Bits
Bit Name
Description
Reset
Access
0: ADC conversion only possible with a write to the ADC_ST_CNV bit field.
1: enabled. Normal operation.
0
ADC_A_CONV
Enable ADC Conversion During a VCO Calibration.
0x0
R/W
0: ADC conversion only possible with write to ADC_ST_CNV bit.
1: enabled. Normal operation. Automatically begins ADC conversion at the start of a VCO calibration or with
a write to the ADC_ST_CNV bit.
Address: 0x2F, Reset: 0x00, Name: REG002F
Figure 160.
Table 88. Bit Descriptions for REG002F
Bits
Bit Name
Description
Reset
Access
7
R02F_RSV5
Reserved. Table 44 provides reserved register settings.
0x0
R/W
6
R02F_RSV4
Reserved. Table 44 provides reserved register settings.
0x0
R/W
5
R02F_RSV3
Reserved. Table 44 provides reserved register settings.
0x0
R/W
4
R02F_RSV2
Reserved. Table 44 provides reserved register settings.
0x0
R/W
[3:2]
R02F_RSV1
Reserved. Table 44 provides reserved register settings.
0x0
R/W
[1:0]
DCLK_DIV1
VCO Calibration Divider 1.
0x0
R/W
0: divide by 1.
1: divide by 2.
10: divide by 8.
11: divide by 32.
Address: 0x30, Reset: 0x00, Name: REG0030
Figure 161.
Table 89. Bit Descriptions for REG0030
Bits
Bit Name
Description
Reset
Access
[7:6]
R030_RSV4
Reserved. Table 44 provides reserved register settings.
0x0
R/W
[5:4]
R030_RSV3
Reserved. Table 44 provides reserved register settings.
0x0
R/W
[3:2]
R030_RSV2
Reserved. Table 44 provides reserved register settings.
0x0
R/W
[1:0]
R030_RSV1
Reserved. Table 44 provides reserved register settings.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com