Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 26 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 22Page - Analog Devices ADF4378 Datasheet HTML 23Page - Analog Devices ADF4378 Datasheet HTML 24Page - Analog Devices ADF4378 Datasheet HTML 25Page - Analog Devices ADF4378 Datasheet HTML 26Page - Analog Devices ADF4378 Datasheet HTML 27Page - Analog Devices ADF4378 Datasheet HTML 28Page - Analog Devices ADF4378 Datasheet HTML 29Page - Analog Devices ADF4378 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
Data Sheet
ADF4378
THEORY OF OPERATION
analog.com
Rev. A | 26 of 84
Table 12. CP Programming (Continued)
CP_I, Bits[3:0]
ICP
10
4.77 mA
11
5.57 mA
12
6.33 mA
13
7.91 mA
14
9.51 mA
15
11.1 mA
Charge-Pump Test Mode
When the EN_CPTEST bit is set to 1, the CP_UP bit and
CP_DOWN bit can be programmed to force a constant ICP source
or sink current, respectively, on the CP pin. These bits are com-
monly used as an aid to debug PLL related issues during the
hardware and software development phase of a project. For normal
operation, set EN_CPTEST, CP_UP, and CP_DOWN to 0. For more
information, see Figure 69 and Table 13.
Table 13. Charge-Pump Debug Functions
EN_CPTEST
CP_UP
CP_DOWN
CP Pin State Debug Test
1
0
0
High-Z
VCO open loop
1
1
0
~VV5_CP
Charge-pump
output voltage
verification
1
0
1
~GND
0
0
0
Normal oper-
ation
Not applicable
Charge-Pump Bleed Current
A small programmable constant charge-pump current, known as
bleed current, can be used to either increase or decrease the
propagation delay from the reference input pins to the clock output
pins.
To enable the bleed current, set the EN_BLEED bit to 1. When
the BLEED_POL bit is set to 1, a small constant source current is
forced onto the CP pin. When the BLEED_POL is set to 0, a small
constant sink current is forced onto the CP pin (see Figure 69).
The bleed-current LSB step size is 536 nA. The bleed-current delay
step size (tIDEL-STEP) is a function of the bleed-current step size
(ICP) and fPFD, as shown in Equation 9. Figure 70 provides a quick
reference of tIDEL-STEP vs. several common ICP and fPFD values.
tIDEL−STEP= 536 nA
ICP×fPFD
(9)
Figure 70. Bleed-Current Delay Step Size
Bleed-current delay (tIDEL) is determined by tIDEL-STEP, the
BLEED_POL bit, and BLEED_I bit fields, Bits[9:0] (see Equation
10 and Equation 11).
If BLEED_POL = 0, the propagation delay from the REFP and
REFN input pins to the CLKP and CLKN output pins increases (see
Figure 21).
tIDEL=tIDEL−STEP×BLD_I
(10)
where BLD_I represents the decimal value of the BLEED_I bit field,
Bits[9:0].
If BLEED_POL = 1, the propagation delay from the REFP and
REFN input pins to the CLKP and CLKN output pins decreases
(see Figure 24).
tIDEL=−tIDEL−STEP×BLD_I
(11)
The maximum tIDEL for proper lock detector functionality is based
on the LDWIN_PW setting, as shown in Table 16.
INV_CLKOUT, BLEED_I, and BLEED_POL can be used in conjunc-
tion to align the multichip output-to-output skew to as small as
±0.05 ps (see Equation 9). The largest BLEED_I settings may
increase LNORM by 1 dB and L1/f by 4 dB, as shown in Figure 42.
INV_CLKOUT does not degrade performance and must be used to
adjust for multichip output-to-output skews greater than a quarter of
the 1/fOUT period, in lieu of a large BLEED_I value. As a result, the
maximum tIDEL adjustment never needs to be more than a quarter
of the 1/fOUT period. For the relationship between R_DEL, N_DEL,
INV_CLKOUT, BLEED_I bit fields, Bits[9:0], and BLEED_POL, see
the Applications Information section.
Lock Detector
The lock detector uses internal signals from the PFD to measure
phase coincidence between the output signal of the reference
divider and doubler (RCLK) in Figure 66 and the output signal of
the feedback divider (NCLK) in Figure 76. It is enabled by setting
both the EN_LOL bit and the EN_LDWIN bit to 1 and presents the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com