Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 2Page - Analog Devices ADF4378 Datasheet HTML 3Page - Analog Devices ADF4378 Datasheet HTML 4Page - Analog Devices ADF4378 Datasheet HTML 5Page - Analog Devices ADF4378 Datasheet HTML 6Page - Analog Devices ADF4378 Datasheet HTML 7Page - Analog Devices ADF4378 Datasheet HTML 8Page - Analog Devices ADF4378 Datasheet HTML 9Page - Analog Devices ADF4378 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
Data Sheet
ADF4378
SPECIFICATIONS
analog.com
Rev. A | 6 of 84
Table 1. Specifications (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
110
ps
fOUT = 3 GHz, fREF = 200 MHz, fPFD = 200
MHz, R_DIV = 1, REF_SEL = 0
110
ps
fOUT = 1.6 GHz, fREF = 200 MHz, fPFD = 200
MHz, R_DIV = 1, REF_SEL = 0
122
ps
fOUT = 3 GHz, fREF = 100 MHz, fPFD = 200
MHz, EN_RDBLR = 1, REF_SEL = 0
N_DEL, R_DEL Step Size
1
ps
N_DEL Range
105
ps
N_DEL = 127, R_DEL = 0
R_DEL Range
127
ps
N_DEL = 0, R_DEL = 127
SYSREF OUTPUT-TO-CLOCK OUTPUT DELAY
Device setup5 for all delay specifications
unless noted, measure the rising edge at CLK
output to the rising edge at SYSREF output
SR_DEL Step Size
0.8
ps
SR_DEL Range
110
ps
LOGIC INPUTS (CSB, SCLK, SDIO, ENCLK, and
ENSR )
Input High Voltage
VINH
1.2
V
Input Low Voltage
VINL
0.6
V
Input Current (High, Low)
IIH/IIL
±1
µA
Input Capacitance (CSB, SCLK, ENCLK, ENSR)
CIN
1
pF
SDIO
CIN-SDIO
2
pF
LOGIC INPUT (CE Pin)
Input High Voltage
VINH-CE
1.8
V
Input Low Voltage
VINL-CE
0.8
V
Input Current (High, Low)
IIH-CE/IIL-CE
±1
μA
Input Capacitance
CIN-CE
1
pF
LOGIC OUTPUTS (SDIO, SDO, LKDET, MUXOUT)
Output High Voltage (1.8 V Mode)
VOH
1.5
1.8
V
IOH = 500 μA, 1.8 V output selected (default
setting)
Output High Voltage (3.3 V Mode)
VOH-3V
V3.3V − 0.4
IOH = 500 μA, 3.3 V output selected, set by
voltage on V3_LDO pin
Output Low Voltage
VOL
0.4
V
IOL = 500 μA
SDO High-Z Leakage
IZH/IZL
±1
μA
POWER SUPPLIES
Device setup6 for all supply current
specifications, unless noted
V5_VCO Supply Range
VV5_VCO
4.75
5
5.25
V
V5_CAL Supply Range
VV5_CAL
4.75
5
5.25
V
V5_CP Supply Range
VV5_CP
4.75
5
5.25
V
V3.3V_1 Supply Range
V3.3V_1
3.15
3.3
3.45
V
3.3 V Power Supply Group 1 (V3_LS,
V3_LDO, V3_REF, V3_PFD, V3_NDIV,
V3_SRIN)
V3.3V_2 Supply Range
V3.3V_2
3.15
3.3
3.45
V
3.3 V Power Supply Group 2 (V3_CLK,
V3_SROUT, V3_VCO, V3_CLKDIV)
V5_VCO Supply Current
IV5_VCO
90
135
mA
fOUT = 12.8 GHz
170
220
mA
fOUT = 6.4 GHz, CLKOUT_DIV = 0
V5_CAL Supply Current
IV5_CAL
50
160
μA
8
mA
During VCO calibration
V5_CP Supply Current
IV5_CP
55
65
mA
CP current (ICP) = 11.1 mA, CP_I = 15
26
mA
ICP = 0.79 mA, CP_I = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com