Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 29 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 25Page - Analog Devices ADF4378 Datasheet HTML 26Page - Analog Devices ADF4378 Datasheet HTML 27Page - Analog Devices ADF4378 Datasheet HTML 28Page - Analog Devices ADF4378 Datasheet HTML 29Page - Analog Devices ADF4378 Datasheet HTML 30Page - Analog Devices ADF4378 Datasheet HTML 31Page - Analog Devices ADF4378 Datasheet HTML 32Page - Analog Devices ADF4378 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
Data Sheet
ADF4378
THEORY OF OPERATION
analog.com
Rev. A | 29 of 84
7. After the VCO calibration is complete, disable calibration clocks
to limit unwanted spurious content by setting EN_DRCLK =
EN_DNCLK = EN_ADC_CLK = 0.
8. This is an optional step. Read back the VCO_CORE,
VCO_BAND, and VCO_BIAS bits, and then record the read-
back values. These values can be used to bypass calibration
and manually program the M_VCO_CORE, M_VCO_BAND,
and M_VCO_BIAS bits for a given device and frequency, as
described in the Fast Power-Up and Initialization, Manually
Programmed VCO Calibration Settings (Optional) section.
Table 17. CAL_CT_SEL, DCLK_DIV2, and DCLK_MODE Setup
fPFD (MHz)
CAL_CT_
SEL
DCLK_DIV2
DCLK_MOD
E
fDIV_RCLK
(MHz)
≤160
1
0
0
fPFD/2
>160 and ≤250
1
0
1
fPFD/2
>250 and ≤320
0
1
0
fPFD/4
>320 and ≤500
0
1
1
fPFD/4
Clock Output Divider
A 2-bit divider, CLKOUT_DIV, in Figure 73 is used to reduce
the frequency seen at the output buffer and feedback divider.
The clock output divide value (O) may be set to 1, 2, 4, or 8.
Use the CLKOUT_DIV bit to directly program the divide ratio.
CLKOUT_DIV is located inside the PLL loop. Therefore, any
change to CLKOUT_DIV requires a change to the N_INT bit fields,
Bits[11:0] to maintain the same fPFD and results in the PLL losing
lock for a few loop time constants. For more information, see Table
18. For the relationship between the fREF, fPFD, fVCO, and fOUT
frequencies, see the Output Frequency section.
Table 18. CLKOUT_DIV Programming
CLKOUT_DIV
Clock Output Divide Value
(O)
Output Frequency Range
(GHz)
0
1
6.4 ≥ fOUT ≤ 12.8
1
2
3.2 ≥ fOUT ≤ 6.4
2
4
1.6 ≥ fOUT ≤ 3.2
3
8
0.8 ≥ fOUT ≤ 1.6
Output Invert (INV_CLKOUT)
The output invert (INV_CLKOUT) is used to shift the output signal
180° with respect to the rising edge of the reference input signal,
when fOUT is an integer multiple of fREF. For more information, see
Table 19. INV_CLKOUT is located inside the PLL loop, and any
change to INV_CLKOUT results in the PLL losing lock for few a
loop time constants. Use the INV_CLKOUT bit to directly program
the output phase.
Table 19. INV_CLKOUT Programming
fOUT/fREF =
INV_CLKOUT
Each Reference Rising Edge Aligned
to
Integer
0
CLKP rising edge
Integer
1
CLKP falling edge
Table 19. INV_CLKOUT Programming (Continued)
fOUT/fREF =
INV_CLKOUT
Each Reference Rising Edge Aligned
to
Noninteger
x
Varies
INV_CLKOUT, N_DEL, R_DEL, BLEED_I, and BLEED_POL can be
used in conjunction to align the multichip output-to-output skew to
sub ps levels. INV_CLKOUT does not degrade performance and
must be used to adjust for multichip output-output skews greater
than a quarter of the 1/fOUT period, in lieu of a large N_DEL,
R_DEL, or BLEED_I value. For the relationship between R_DEL,
N_DEL, INV_CLKOUT, BLEED_I, and BLEED_POL, see the Align-
ing Multiple ADF4378 Output Phases section.
Feedback Divider (N)
A 12-bit divider, the N_INT bit fields, Bits[11:0], in Figure 76, is
used to reduce the frequency seen at the output of the clock output
divider. The feedback divider closes the feedback loop from the
VCO and clock output divider to the PFD.
Figure 76. Feedback Divider
The feedback divider divide ratio (N) may be programmed to any
integer from 2 to 4095. Use the N_INT bit fields, Bits[11:0] to direct-
ly program the N divide ratio (see Table 20). For the relationship
between N, O, and the fREF, fPFD, fVCO, and fOUT frequencies, see
the Output Frequency section. The state of the DCLK_MODE bit is
determined by Table 17.
Table 20. N_INT Programming
N_INT Bit Fields, Bits[11:0]
N
0
Not applicable
1
Not applicable
2
2
3
3
…
…
4095
4095
Feedback Delay
A 7-bit delay, N_DEL, is used to decrease the propagation delay
from the REFP and REFN input pins to the CLKP and CLKN output
pins. Use the N_DEL bits to directly program the feedback delay
(tNDEL), which typically ranges from 0 ps to 110 ps in 0.85 ps steps
(see Figure 77).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com