Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 80 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 76Page - Analog Devices ADF4378 Datasheet HTML 77Page - Analog Devices ADF4378 Datasheet HTML 78Page - Analog Devices ADF4378 Datasheet HTML 79Page - Analog Devices ADF4378 Datasheet HTML 80Page - Analog Devices ADF4378 Datasheet HTML 81Page - Analog Devices ADF4378 Datasheet HTML 82Page - Analog Devices ADF4378 Datasheet HTML 83Page - Analog Devices ADF4378 Datasheet HTML 84Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
Data Sheet
ADF4378
REGISTER DETAILS
analog.com
Rev. A | 80 of 84
Address: 0x49, Reset: 0x00, Name: REG0049
Figure 186.
Table 114. Bit Descriptions for REG0049
Bits
Bit Name
Description
Reset
Access
7
EN_SYS
Logic State on ENSR Input Pin. For more information, see Figure 79.
0x0
R
6
EN_CLK1
Logic State on ENCLK Input Pin. For more information, see Figure 78.
0x0
R
5
SR_OK
1 = SYSREF Input Meets Setup and Hold Time Requirement.
0x0
R
4
R049_RSV1
Reserved.
0x0
R
3
REF_OK
1 = Reference Input Amplitude Above Reference Peak Detector Threshold.
0x0
R
2
ADC_BUSY
1 = ADC Conversion in Progress. For more information, see the VCO Calibration and the Temperature Sensor
sections.
0x0
R
1
FSM_BUSY
1 = VCO Calibration in Progress.
0x0
R
0
LOCKED
Lock Detector Output.
0x0
R
Address: 0x4A, Reset: 0x00, Name: REG004A
Figure 187.
Table 115. Bit Descriptions for REG004A
Bits
Bit Name
Description
Reset
Access
[7:0]
R04A_RSV1
Reserved.
0x0
R
Address: 0x4B, Reset: 0x00, Name: REG004B
Figure 188.
Table 116. Bit Descriptions for REG004B
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
VCO_CORE
VCO Core Readback. For more information, see the VCO Calibration section.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com