Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 19Page - Analog Devices ADF4378 Datasheet HTML 20Page - Analog Devices ADF4378 Datasheet HTML 21Page - Analog Devices ADF4378 Datasheet HTML 22Page - Analog Devices ADF4378 Datasheet HTML 23Page - Analog Devices ADF4378 Datasheet HTML 24Page - Analog Devices ADF4378 Datasheet HTML 25Page - Analog Devices ADF4378 Datasheet HTML 26Page - Analog Devices ADF4378 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
Data Sheet
ADF4378
THEORY OF OPERATION
analog.com
Rev. A | 23 of 84
INTRODUCTION
A PLL is a complex feedback system that may conceptually be
considered a frequency multiplier. The system multiplies the refer-
ence input frequency (fREF) and produces a higher frequency on
the clock output pins (fOUT). The PFD, charge pump, output divider,
feedback divider, VCO, and external loop filter forms a feedback
loop to accurately control the output frequency (see Figure 1). The
reference divider or reference doubler is used to set the frequency
resolution.
The ADF4378 has an additional input and output clock pair, which
is used to provide the retimed SYSREF clock to JESD204B/C devi-
ces. The SYSREF clock generated by an external clocking product
is retimed with the reference clock, feedback clock, and output
clock. This provides a well-controlled device clock and SYSREF
clock pair in which any effect coming from temperature or any
system level mismatched is compensated.
OUTPUT FREQUENCY
When EN_RDBLR = 0
When the loop is locked, the frequency (fVCO ) (in Hz) produced at
the output of the VCO is determined by the reference frequency
(fREF) and the O, R, and N values given by Equation 1. For more
information, see Table 11 and Table 18.
fVCO=fREF
×N×OR
(1)
In the following equation, the PFD frequency (fPFD) produced is
given by Equation 2.
fPFD
=fREFR
(2)
The fVCO may be alternatively expressed as:
fVCO=fPFD×N×O
(3)
The output frequency (fOUT) produced at the output of the output
divider is given by Equation 4.
fOUT=fVCOO
(4)
The output frequency resolution (fSTEP) produced by a unit change
in N is given by Equation 5.
fSTEP
=fPFD
(5)
When EN_RDBLR = 1
When the loop is locked, the frequency (fVCO ) (in Hz) produced at
the output of the VCO is determined by the reference frequency
(fREF) and the O, D, and N values given by Equation 6.
fVCO=fREF×D×N×O
(6)
When EN_RDBLR = 1, the PFD frequency (fPFD) produced is given
by Equation 7.
fPFD=fREF×D
(7)
Equation 3, Equation 4, and Equation 5 for fVCO, fOUT, and fSTEP
remain the same when EN_RDBLR = 1.
CIRCUIT DESCRIPTION
Reference Input Buffer
The reference frequency of the PLL is applied differentially on the
REFP and REFN pin. These high impedance inputs are self-biased
and must be AC-coupled with 1 µF capacitors (for a simplified
schematic, see Figure 65). Alternatively, the differential inputs may
be configured as a single ended input by applying the reference
frequency at REFP and bypassing REFN to GND with a 1 µF
capacitor (see Figure 85).
Figure 65. Reference Input Stage
A high quality signal must be applied to the REFP and REFN inputs
because they provide the frequency reference to the entire PLL.
To achieve the in-band phase noise performance of the PLL, apply
a continuous waveform signal or a square wave with a slew rate
of at least 1000 V/µs. For more information on reference input
signal requirements and interfacing, see the Reference Source
Considerations section.
When the REF_SEL bit is set to 0, the DMA buffer is selected. The
DMA is optimized for high slew rate signals, such as square waves
or higher frequency and higher amplitude sine waves. The DMA
has a controlled propagation delay from the reference input to clock
output, which eases time zero and over temperature multichip clock
alignment.
When the REF_SEL bit is set to 1, the LNA is selected. The LNA
is optimized for low slew rate signals, such as lower frequency or
lower amplitude sine waves.
The REF_SEL bit must be set correctly to optimize the in-band
phase noise performance and propagation delay. For recommend-
ed settings, see Table 7, Figure 43, and Equation 8.
Table 7. REF_SEL Programming
REF_SEL Sine Wave Slew Rate (V/µs)
Square Wave
Optimized tPD
0
≥1500
Preferred
Yes
1
<1500
Not applicable
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com