Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 23Page - Analog Devices ADF4378 Datasheet HTML 24Page - Analog Devices ADF4378 Datasheet HTML 25Page - Analog Devices ADF4378 Datasheet HTML 26Page - Analog Devices ADF4378 Datasheet HTML 27Page - Analog Devices ADF4378 Datasheet HTML 28Page - Analog Devices ADF4378 Datasheet HTML 29Page - Analog Devices ADF4378 Datasheet HTML 30Page - Analog Devices ADF4378 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
Data Sheet
ADF4378
THEORY OF OPERATION
analog.com
Rev. A | 27 of 84
lock detector output on the LKDET pin and the LOCKED bit. The
lock detector output can also be presented on the MUXOUT pin
by programming the MUXOUT bits, Bits[4:0] (see Figure 80). The
register bit field CMOS_OV determines if the logic high level for the
MUXOUT, LKDET, SDO, and SDIO output pins is 3.3 V or 1.8 V.
The PFD phase difference must be less than the phase difference
lock window time (tLDWIN) for a set number of PFD cycles before
the lock detector output indicates that the PLL has locked. The
required number of PFD cycles varies if a designer prioritizes lock
detect accuracy or speed. Five loop filter time constants can be
used as an initial estimate of the desired number of PFD cycles, as
shown in Equation 12. The required number of PFD cycles is set
by the LD_COUNT bits, Bits[4:0], as shown in Table 14. For more
information, see Figure 71 and Table 15.
PFD
 Cycles= 5×fPFD
2×π×LPBW
(12)
where LPBW = loop filter bandwidth.
Table 14. LD_COUNT Programming
LD_COUNT Bits, Bits[4:0]
PFD Cycles
0
23
1
32
2
47
3
66
4
95
5
134
6
191
7
270
8
383
9
542
10
767
11
1085
12
1535
13
2171
14
3071
15
4343
16
6143
17
8687
18
12287
19
17376
20
24575
21
34754
22
49151
23
69510
24
98303
25
139021
26
196607
27
278044
28
393215
29
556090
30
786431
Table 14. LD_COUNT Programming (Continued)
LD_COUNT Bits, Bits[4:0]
PFD Cycles
31
1112181
Figure 71. Lock Detector Timing, Bleed Current Disabled
Table 15. Lock Detector Timing, Bleed Current Disabled
Region
Absolute Phase
Difference at PFD
Lock Detector State
1
> tLDWIN
Low
2
< tLDWIN
Low, counts PFD cycles
3
~0
Low, counts PFD cycles
4
~0
High, ≥ required PFD cycle count
5
< tLDWIN
High
6
> tLDWIN
Low (immediately)
When the charge-pump bleed current is enabled, a phase offset is
applied to the PFD inputs. This phase offset (tIDEL) is proportional
to the amount of bleed current programmed in Equation 10 and
Equation 11. Region 3 and Region 4 in Figure 71 and Figure 72
highlight the PFD phase difference that the PLL settles to when the
charge-pump bleed current is disabled or enabled, respectively.
Figure 72. Lock Detector Timing, Bleed Current Enabled
For proper operation of the lock detector, the absolute value of tIDEL
must be less than tLDWIN. The user sets the phase difference lock
window time (tLDWIN) for a valid lock condition with the LDWIN_PW
bit. In most cases, LDWIN_PW must be set to 0. To understand the
relationship between the LDWIN_PW bit and maximum allowable
tIDEL, see Table 16.
Table 16. Maximum tIDEL
LDWIN_PW
tIDEL(MAX)
0
±150 ps
1
±250 ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com