Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 41 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 37Page - Analog Devices ADF4378 Datasheet HTML 38Page - Analog Devices ADF4378 Datasheet HTML 39Page - Analog Devices ADF4378 Datasheet HTML 40Page - Analog Devices ADF4378 Datasheet HTML 41Page - Analog Devices ADF4378 Datasheet HTML 42Page - Analog Devices ADF4378 Datasheet HTML 43Page - Analog Devices ADF4378 Datasheet HTML 44Page - Analog Devices ADF4378 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
Data Sheet
ADF4378
APPLICATIONS INFORMATION
analog.com
Rev. A | 41 of 84
The method provided in the Fast Power-Up and Initialization, Man-
ually Programmed VCO Calibration Settings (Optional) section is an
optional power-up procedure after the initial power-up.
Standard Power-Up and Initialization
Sequence, Automatic VCO Calibration
The following standard power-up and initialization sequence is the
recommended procedure to power up and program the ADF4378:
1. Follow Step 1 through Step 5 in the Power-Up and Initialization
Sequence section, using the register settings provided in the
Design Procedure section.
2. It is optional to monitor the status of the VCO calibration bit
fields, ADC_BUSY, and FSM_BUSY. A VCO calibration is com-
pleted when ADC_BUSY transitions from high to low, followed
by FSM_BUSY transitioning from high to low. Typical automatic
VCO calibration times range from 3 ms to 9 ms.
3. After the VCO calibration completes, disable the VCO cal-
ibration clocks by setting EN_DRCLK = EN_DNCLK =
EN_ADC_CLK = 0. Disabling the VCO calibration clocks re-
duces the V3.3V_1 current by roughly 15 mA and reduces
unwanted spurious content.
4. PLL is locked when the lock detector sets the LKDET pin and
the LOCKED bit high.
Fast Power-Up and Initialization, Manually
Programmed VCO Calibration Settings
(Optional)
The purpose of the fast power-up and initialization method is to
avoid the automatic VCO calibration time, which is typically 3 ms to
9 ms. For fixed clock frequency converter applications, such as this
design and programming Example 1, automatic VCO calibration
times are typically acceptable. The following list provides the steps
to record the VCO calibration results on the initial power-up and
manually program VCO Calibration settings on subsequent power
ups:
►
On initial power, follow the procedure shown in the Standard
Power-Up and Initialization Sequence, Automatic VCO Calibra-
tion section.
►
Record calibration results from the VCO_CORE, VCO_BAND,
and VCO_BIAS bit fields and store the recorded results in mem-
ory. Note that each unique device and frequency combination
generates different VCO_CORE, VCO_BAND, and VCO_BIAS
values.
►
Subsequent power-up and initialization sequences (for more
information, see the Power-Up and Initialization Sequence sec-
tion) can bypass the automatic VCO calibration procedure by
programming the override (O_VCO_CORE, O_VCO_BAND, and
O_VCO_BIAS) and manual (M_VCO_CORE, M_VCO_BAND,
and M_VCO_BIAS) VCO register bits with the register settings
provided in Table 37. All other bit fields from the Design Proce-
dure section remain the same.
Table 37. Manually Programmed VCO Calibration Settings
Bit Fields
Value
EN_AUTOCAL
0x0
EN_DRCLK
0x0
EN_DNCLK
0x0
EN_ADC_CLK
0x0
O_VCO_CORE
0x1
O_VCO_BAND
0x1
O_VCO_BIAS
0x1
M_VCO_CORE
Program M_VCO_CORE, M_VCO_BAND, and
M_VCO_BIAS with recorded VCO_CORE,
VCO_BAND, and VCO_BIAS values, respectively,
from the Standard Power-Up and Initialization
Sequence, Automatic VCO Calibration section
M_VCO_BAND
M_VCO_BIAS
ALIGNING MULTIPLE ADF4378 OUTPUT
PHASES
Aligning multiple ADF4378 output phases break into two steps. The
first step ensures that the reference dividers, reference doubler, and
clock output divider of the multiple devices are setup correctly to
ensure phase alignment. The second step minimizes output-to-out-
put skew between multiple ADF4378 devices.
Step 1: Phase Alignment
The ADF4378 architecture includes the clock output divider and the
output invert inside the integer PLL feedback loop (see Functional
Block Diagram), which allows the locked PLL to align the clock
output divider phase to the reference input phase. Therefore, to
align multiple ADF4378 output phases, ensure that the reference
phases are aligned at all the reference input pins of the ADF4378.
Because the reference divider and reference doubler are outside of
the PLL loop, see Table 38 to ensure that phase alignment between
multiple ADF4378 devices is guaranteed.
Table 38. Reference Settings to Align Multiple ADF4378 Devices
Reference Divider and
Doubler State
Guaranteed Reference to Output Phase Alignment
EN_RDBLR = 1
Yes
R_DIV = 1
Yes
R_DIV > 1
When fOUT/fREF = integer, and fREF ≤ fOUT
Step 2: Output-to-Output Skew Adjustment
Any variation in reference input to output propagation delay (tPD)
between multiple ADF4378 devices presents itself as output skew
between multiple ADF4378 devices.
To minimize tPD across process and temperature, select the DMA
of the reference input buffer by setting REF_SEL = 0. When the
DMA is selected, the typical tPD standard deviation due to process
variation is 3 ps with a temperature coefficient (tPD-TC) of 0.03
ps/°C, as shown in Figure 26 and Figure 22, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com