Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 34 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 30Page - Analog Devices ADF4378 Datasheet HTML 31Page - Analog Devices ADF4378 Datasheet HTML 32Page - Analog Devices ADF4378 Datasheet HTML 33Page - Analog Devices ADF4378 Datasheet HTML 34Page - Analog Devices ADF4378 Datasheet HTML 35Page - Analog Devices ADF4378 Datasheet HTML 36Page - Analog Devices ADF4378 Datasheet HTML 37Page - Analog Devices ADF4378 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
Data Sheet
ADF4378
APPLICATIONS INFORMATION
analog.com
Rev. A | 34 of 84
LOOP FILTER DESIGN
A stable loop filter design requires care in selecting the loop filter
components of the ADF4378. It is recommended to download and
install ADIsimPLL™ for loop filter design and simulation. ADIsimPLL
has an integrated tutorial for first time users and a help manual for
more complex topics. There are also several ADIsimPLL training
videos available on www.analog.com. After a loop filter has been
designed and simulated, it is recommended to verify the new loop
filter using the ADF4378 evaluation hardware.
A full loop filter design tutorial is beyond the scope of this data
sheet. However, some best practices are shown in the following list.
ADIsimPLL aids in defining and simulating these parameters. Any
significant change to these items requires a new loop filter design.
1. A stable loop filter must meet the following criteria:
a. Loop filter phase margin > 45°
b. Loop filter bandwidth < fPFD ÷ 10
2. The required loop filter bandwidth is determined by the following
features of the ADF4378:
a. ICP
b. KVCO
c. PFD frequency
d. Reference input phase noise (for more information, see the
Reference Phase Noise section).
e. Trade-off between minimizing jitter or settling time (for more
information, see the Output Phase Noise Characteristics
section and Equation 12, respectively).
The VTUNE pin has an internal 30 pf capacitor to GND that must
be included in the loop filter design. ADIsimPLL takes this internal
capacitance into account automatically.
REFERENCE SOURCE CONSIDERATIONS
Reference Input Network
The reference input buffer of the ADF4378, shown in Figure 65,
provides a flexible interface to either differential or single-ended
frequency sources. Figure 85 to Figure 90 show recommended
interfaces for different reference signal types. All ZO signal traces
are 50 Ω transmission lines in Figure 85, Figure 86, Figure 87,
Figure 88, Figure 89, and Figure 90.
Figure 85. Single-Ended 50 Ω Source (VREF < 2.6 Vp-p)
Figure 86. Single-Ended 50 Ω Source (VREF > 2.6 Vp-p)
Figure 87. Single-Ended CMOS
Figure 88. Differential LVPECL
Figure 89. Differential LVDS
Figure 90. Differential CML
SYSREF Input Network
The ADF4378’s SYSREF input may be programmed for CML/
LVPECL or LVDS interfaces using the SR_SEL bit to support a
range of input SYSREF signal levels. Figure 91 to Figure 94 show
the examples of SYSREF input interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com