Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 84 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 76Page - Analog Devices ADF4378 Datasheet HTML 77Page - Analog Devices ADF4378 Datasheet HTML 78Page - Analog Devices ADF4378 Datasheet HTML 79Page - Analog Devices ADF4378 Datasheet HTML 80Page - Analog Devices ADF4378 Datasheet HTML 81Page - Analog Devices ADF4378 Datasheet HTML 82Page - Analog Devices ADF4378 Datasheet HTML 83Page - Analog Devices ADF4378 Datasheet HTML 84Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 84 / 84 page
background image
Data Sheet
ADF4378
OUTLINE DIMENSIONS
©2023-2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. A | 84 of 84
Package Drawing (Option)
Package Type
Package Description
CC-48-6
LGA
48-Terminal Land Grid Array
For the latest package outline information and land patterns (footprints), go to Package Index.
Updated: November 20, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADF4378BCCZ
−40°C to +105°C
LGA/CASON/CH ARRY SO NO LD
Tray, 260
CC-48-6
ADF4378BCCZ-RL7
−40°C to +105°C
LGA/CASON/CH ARRY SO NO LD
Reel, 500
CC-48-6
1 Z = RoHS-Compliant Part.
EVALUATION BOARDS
Model1
Description
EV-ADF4378SD1Z
Evaluation Board
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com