Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 20Page - Analog Devices ADF4378 Datasheet HTML 21Page - Analog Devices ADF4378 Datasheet HTML 22Page - Analog Devices ADF4378 Datasheet HTML 23Page - Analog Devices ADF4378 Datasheet HTML 24Page - Analog Devices ADF4378 Datasheet HTML 25Page - Analog Devices ADF4378 Datasheet HTML 26Page - Analog Devices ADF4378 Datasheet HTML 27Page - Analog Devices ADF4378 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
Data Sheet
ADF4378
THEORY OF OPERATION
analog.com
Rev. A | 24 of 84
To calculate the slew rate of sine wave,
Slew
 Rate=2×π×f×V
(8)
where:
f = sine wave frequency.
V = sine wave amplitude (in VPK).
The FILT_REF bit controls the low-pass filter of the reference input
LNA and must be set for sine wave signals based on fREF to limit
the wideband noise of the input reference signal. The FILT_REF bit
must be set correctly to reach the LNORM normalized in-band phase
noise floor. For recommended settings, see Table 8. Square wave
inputs must have FILT_REF set to 0.
Table 8. FILT_REF Programming
FILT_REF
Sine Wave fREF
Square Wave fREF
0
≥20 MHz
All fREF
1
<20 MHz
Not applicable
The BST_REF bit must be set based on the input signal level
to prevent the LNA reference input buffer from saturating. The
BST_REF programming is the same whether the input is a sine
wave or a square wave. For recommended settings, see Table 9
and for programming examples, see the Applications Information
section.
Table 9. BST_REF Programming
BST_REF
Sine Wave VREF
0
≥1.6 V p-p
1
<1.6 V p-p
Reference Peak Detector
A reference input peak detection circuit is provided on the REFP
and REFN inputs to detect the presence of a reference signal and
provides the REF_OK status flag available through serial port regis-
ter REG0049. The circuit has hysteresis to prevent the REF_OK
flag from chattering at the detection threshold.
The peak detector approximates an rms detector. Therefore, sine
and square wave inputs give different detection thresholds by a
factor of 4/π. For REF_OK detection values, see Table 10.
Table 10. REF_OK Status Output vs. Reference Input
REF_OK
Sine Wave VREF
Square Wave VREF
1
≥200 mV p-p
≥155 mV p-p
0
<160 mV p-p
<125 mV p-p
Reference Divider (R) and Doubler (D)
When the EN_RDBLR bit is set to 1, a frequency multiplier is used
to double the frequency seen at the PFD. When the EN_RDBLR bit
is set to 0, a 6-bit divider, R_DIV, is used to reduce the frequency
seen at the PFD. The reference divide ratio, R, may be set to
any integer from 1 to 63, inclusive of all the integer divide values.
Use the R_DIV[5:0] bits found in REG0012 to directly program the
R divide ratio (see Figure 66 and Table 11). For the relationship
between R, D, and the fREF, fPFD, fVCO, and fOUT frequencies, see
the Output Frequency section. The state of the DCLK_MODE bit is
determined by Table 17.
Figure 66. Reference Divider and Doubler
Table 11. EN_RDBLR and R_DIV Programming
EN_RDBLR
R_DIV[5:0]
R
D
1
Not applicable
Not applicable 2
0
0
1
Not applicable
0
1
1
Not applicable
0
…
…
Not applicable
0
63
63
Not applicable
Reference Delay
A 7-bit delay, R_DEL, is used to increase the propagation delay
from the reference input pins to the clock output pins. Use the
R_DEL[6:0] bits to directly program the reference delay (tRDEL),
which typically ranges from 0 ps to 127 ps in 1 ps steps (see Figure
67).
Figure 67. Typical Reference Delay Step Size vs. R_DEL Register Setting
INV_CLKOUT, N_DEL, and R_DEL can be used in conjunction to
align the multichip output-to-output skew to within ±0.5 ps. Figure
45 shows that the largest R_DEL settings may increase LNORM by
1 dB. INV_CLKOUT does not degrade performance and must be
used to adjust for multichip output-to-output skews greater than a
quarter of the 1/fOUT period, in lieu of a large N_DEL or R_DEL
value. As a result, the maximum tRDEL adjustment never needs to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com