Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 5Page - Analog Devices ADF4378 Datasheet HTML 6Page - Analog Devices ADF4378 Datasheet HTML 7Page - Analog Devices ADF4378 Datasheet HTML 8Page - Analog Devices ADF4378 Datasheet HTML 9Page - Analog Devices ADF4378 Datasheet HTML 10Page - Analog Devices ADF4378 Datasheet HTML 11Page - Analog Devices ADF4378 Datasheet HTML 12Page - Analog Devices ADF4378 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
Data Sheet
ADF4378
SPECIFICATIONS
analog.com
Rev. A | 9 of 84
SERIAL INTERFACE TIMING CHARACTERISTICS
V3.3V_1 = V3.3V_2 = 3.15 V to 3.45 V, VV5_VCO = VV5_CP = VV5_CAL = 4.75 V to 5.25 V, all voltages are with respect to GND, TA = −40°C to
+105°C, operating temperature range, unless otherwise noted.
Table 2. Serial Interface Timing Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL INTERFACE (CSB, SCLK, SDIO, SDO)
See Figure 2, Figure 3, and Figure 4
SCLK Frequency
fSCLK
65
MHz
SCLK Pulse Width High
tHIGH
7.6
ns
SCLK Pulse Width Low
tLOW
7.6
ns
SDIO Setup Time
tDS
3
ns
SDIO Hold Time
tDH
3
ns
SCLK Fall Edge to SDIO Valid Prop Delay
tACCESS_SDIO
7.6
ns
SCLK Fall Edge to SDO Valid Prop Delay
tACCESS_SDO
7.6
ns
CSB Rising Edge to SDIO High-Z
tZ
7.6
ns
CSB Falling Edge to SCLK Rise Setup Time
tS
3
ns
SCLK Rising Edge to CSB Rise Hold Time
tH
3
ns
Timing Diagrams
Figure 2. Write Timing Diagram
Figure 3. 3-Wire Read Timing Diagram (SDO_ACTIVE = 0)
Figure 4. 4-Wire Read Timing Diagram (SDO_ACTIVE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com