Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 7Page - Analog Devices ADF4378 Datasheet HTML 8Page - Analog Devices ADF4378 Datasheet HTML 9Page - Analog Devices ADF4378 Datasheet HTML 10Page - Analog Devices ADF4378 Datasheet HTML 11Page - Analog Devices ADF4378 Datasheet HTML 12Page - Analog Devices ADF4378 Datasheet HTML 13Page - Analog Devices ADF4378 Datasheet HTML 14Page - Analog Devices ADF4378 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
Data Sheet
ADF4378
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 11 of 84
Figure 5. Pin Configuration
Table 6. Pin Function Descriptions
Pin Number
Mnemonic
Description
1, 2, 4, 10, 12,
14, 16, 18, 19,
21, 23, 25, 26,
41, 48
GND
Negative Power Supply (Ground). These pins must be connected directly to the ground pad.
3
V3_NDIV
3.15 V to 3.45 V Positive Power Supply Pin for the PLL Feedback Divider Circuitry. Short this pin to the other pins in 3.3 V Power Supply
Group 1.
5
V3_VCO
3.15 V to 3.45 V Positive Power Supply Pin for the 3.3 V Portion of the VCO Circuitry. Short this pin to the other pins in 3.3 V Power
Supply Group 2.
6
DCLBIAS
Do not connect to this pin.
7
VTUNE
VCO Tuning Input. This frequency control pin is normally connected to the external loop filter.
8
V5_CAL
4.75 V to 5.25 V Positive Power Supply Pin for VCO Calibration Circuitry. This pin can be shorted to the V5_VCO supply plane.
9
V5_VCO
4.75 V to 5.25 V Positive Power Supply Pin for the 5 V Portion of the VCO Circuitry.
11
V3_CLKDIV
3.15 V to 3.45 V Positive Power Supply Pin for the Output Divider Circuitry. Short this pin to the other pins in 3.3 V Power Supply Group 2.
13
V3_SROUT
3.15 V to 3.45 V Positive Power Supply Pin for the SYSREF Buffer Circuitry. Short this pin to the other pins in 3.3 V Power Supply Group
2.
15, 17
SR_OUTN,
SR_OUTP
SYSREF Output Signal. The reclocked SYSRREF input is presented differentially on these pins. The outputs have 50 Ω (typical) output
resistance per side (100 Ω differential). The far end of the transmission line is typically terminated with 100 Ω connected across the
outputs. Typically, these outputs have a 1.2 V common mode and are designed to interface with an LVDS input. However, there are
termination schemes that allow for other common levels.
20, 22
CLKN, CLKP
Clock Output Signal. The VCO output divider is buffered and presented differentially on these pins. The outputs have 50 Ω (typical) output
resistance per side (100 Ω differential). The far end of the transmission line is typically terminated with 100 Ω connected across the
outputs. The output amplitude is programmable through the serial port.
24
V3_CLK
3.15 V to 3.45 V Positive Power Supply Pin for the Clock 1 Buffer Circuitry. Short this pin to the other pins in 3.3 V Power Supply Group 2.
27
LKDET
PLL Lock Detect. This output presents the lock status of the PLL. The PLL is locked when the LKDET pin is a logic high.
28
ENSR
Enable SYSREF Output Buffer. 1.8 V and 3.3 V compatible CMOS input. When ENSR = high, the SR_OUTP and SR_OUTN output buffer
is active. When ENSR = low, SR_OUTP and SR_OUTN output buffer is powered down.
29
ENCLK
Enable Clock 1 Output Buffer. 1.8 V and 3.3 V compatible CMOS input. When ENCLK = high, the CLKP and CLKN output buffer is active.
When ENCLK = low, the CLKP and CLKN output buffer is powered down.
30
V3_LS
3.15 V to 3.45 V Positive Power Supply Pin for the Internal Level Shift Circuitry. Short this pin to the other pins in 3.3 V Power Supply
Group 1.
31
CE
Chip Enable. 3.3 V CMOS input. Does not support 1.8 V CMOS levels. This CMOS input enables the device when driven high. A logic low
disables the device, putting the device in a full power-down state, which causes the registers to reset. Conversely, the PD_ALL bit powers
down the device, but does not reset the registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com