Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 4Page - Analog Devices ADF4378 Datasheet HTML 5Page - Analog Devices ADF4378 Datasheet HTML 6Page - Analog Devices ADF4378 Datasheet HTML 7Page - Analog Devices ADF4378 Datasheet HTML 8Page - Analog Devices ADF4378 Datasheet HTML 9Page - Analog Devices ADF4378 Datasheet HTML 10Page - Analog Devices ADF4378 Datasheet HTML 11Page - Analog Devices ADF4378 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
Data Sheet
ADF4378
SPECIFICATIONS
analog.com
Rev. A | 8 of 84
Table 1. Specifications (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
12 kHz to 20 MHz Integration
17.7
fsRMS
100 Hz to 100 MHz Integration
18.3
fsRMS
Equivalent ADC SNR Method8
27
fsRMS
3 GHz Output Frequency
Device setup7, fOUT = 3 GHz
Phase Noise Floor
−165.7
dBc/Hz
RMS Jitter
12 kHz to 20 MHz Integration
17.7
fsRMS
100 Hz to 100 MHz Integration
18.3
fsRMS
Equivalent ADC SNR Method8
28
fsRMS
1.5 GHz Output Frequency
Device setup7, fOUT = 1.5 GHz
Phase Noise Floor
−169.5
dBc/Hz
RMS Jitter
12 kHz to 20 MHz Integration
19.5
fsRMS
100 Hz to 100 MHz Integration
20.5
fsRMS
Equivalent ADC SNR Method8
29
fsRMS
Normalized In-Band Phase Noise Floor9
LNORM
−239
dBc/Hz
Normalized 1/f Phase Noise Floor9
L1/f
−287
dBc/Hz
Normalized to 1 Hz
L1/f_1G_10k
−147
dBc/Hz
Normalized to 1 GHz at 10 kHz offset
Spurious
fREF
−105
dBc
LOCKED bit = 1, fREF = 100 MHz, fPFD = 200
MHz, fOUT = 12 GHz
fPFD
−95
dBc
LOCKED bit = 1, fREF = 100 MHz, fPFD = 200
MHz, fOUT = 12 GHz
fSR_IN
−69
dBc
LOCKED bit = 1, fREF = fPFD = 200 MHz, fOUT
= 12 GHz, fSR_IN = 50 MHz
TEMPERATURE SENSOR (ADC)
ADC Clock Frequency
fADC_CLK
400
kHz
ADC clock divider output
ADC Clock Divider Frequency
fADC_CLKDIV
125
MHz
ADC clock divider input
Resolution
8
Bits
1 1.2 V < VCP < 3.4 V.
2 Valid for 1.60 V ≤ VVTUNE ≤ 2.85 V with device calibrated after a power cycle or software power-on reset.
3 Based on characterization.
4 Device setup: fREF = 200 MHz, fPFD = 200 MHz, fOUT = 3000 MHz, ENCLK = ENSR = CE = High. Bit fields: R_DEL= 0, N_DEL = 0, CP_I = 15, CLKOUT_OP = 1, REF_SEL
= 0, EN_BLEED = 0, PD_RDET = 0, PD_ADC = 0, PD_LD = 0, LOCKED = 1.
5 Device setup: fREF = 250 MHz, fSR_IN = 50 MHz, fOUT = 12750 MHz, ENCLK = ENSR = CE = High. Bit fields: R_DEL= 0, N_DEL = 0, CP_I = 15, CLKOUT_OP = 1,
REF_SEL = 0, EN_BLEED = 0, PD_RDET = 0, PD_ADC = 0, PD_LD = 0, LOCKED = 1.
6 Device setup: fREF = 100 MHz, fPFD = 200 MHz, fOUT = 12.8 GHz, ENCLK = ENSR = CE = High. Bit fields: R_DEL= 0, N_DEL = 0, CP_I = 15, CLKOUT_OP = 1, REF_SEL
= 0, EN_BLEED = 0, PD_RDET = 0, PD_ADC = 0, PD_LD = 0, LOCKED = 1, EN_DNCLK = EN_DRCLK = EN_ADC_CLK = 0, PD_SRMON = 0, PD_SYSREFOUT = 0,
EN_SR = Low.
7 Device setup: fREF = 1000 MHz, fPFD = 500 MHz, ENCLK = ENSR = CE = High. Bit fields: R_DEL = 0, N_DEL_0, CP_I = 15, CLKOUT1_OP = 1, CLKOUT2_OP = 1,
REF_SEL = 0, EN_BLEED = 0, PD_RDET = 0, PD_ADC = 0, PD_LD = 0, LOCKED = 1, the reference oscillator is the 0-CEGM-058AWEL-R-1GHz from NEL Frequency
Control.
8 Phase integration range 1 kHz to fOUT produces the same result as when clocking an ADC.
9 See Equation 18 through Equation 22. These values are modeled in ADIsimPLL™.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com