Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 39 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 35Page - Analog Devices ADF4378 Datasheet HTML 36Page - Analog Devices ADF4378 Datasheet HTML 37Page - Analog Devices ADF4378 Datasheet HTML 38Page - Analog Devices ADF4378 Datasheet HTML 39Page - Analog Devices ADF4378 Datasheet HTML 40Page - Analog Devices ADF4378 Datasheet HTML 41Page - Analog Devices ADF4378 Datasheet HTML 42Page - Analog Devices ADF4378 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
Data Sheet
ADF4378
APPLICATIONS INFORMATION
analog.com
Rev. A | 39 of 84
PFD
 Cycles=fPFD×5/2×π×LPBW =250
 MHz×5/2×π×
460 kHz =432
The calculated minimum PFD cycle count of 432 is then compared
to the PFD cycle column in Table 14, which results in 542 PFD
cycles and LD_COUNT = 9.
To determine the LDWIN_PW setting from Table 16, calculate tIDEL
from Equation 10 or Equation 11. Because the BLEED_I bit fields,
Bits[9:0], is set to 0 in the Reference to Output Propagation Delay
Settings section, tIDEL = 0. Based on Table 16, when tIDEL = 0,
LDWIN_PW is set to 0. The RST_LD bit is related to the lock
detector and is set to 0 in normal use cases.
Table 28. SPI Summary, Lock Detector
Bit Field
Value
EN_LOL
0x1
EN_LDWIN
0x1
LD_COUNT
0x9
LDWIN_PW
0x0
RST_LD
0x0
VCO Automatic Calibration Settings
The procedure to determine the SPI registers for an automatic VCO
calibration is outlined in the VCO Calibration section.
The VCO calibration Step 1 enables the automatic calibration
bit, EN_AUTOCAL, along with enabling several VCO calibration
dividers, clocks, and the temperature sensor.
Table 29. SPI Summary, VCO Automatic Calibration, Step 1
Bit Field
Value
EN_DNCLK
0x1
EN_DRCLK
0x1
ADC_CLK_SEL
0x0
ADC_A_CONV
0x1
EN_AUTOCAL
0x1
EN_ADC_CNV
0x1
EN_ADC
0x1
EN_ADC_CLK
0x1
PD_ADC
0x0
In VCO calibration Step 2, Table 17 determines the state of
CAL_CT_SEL, DCLK_DIV2, and DCLK_MODE based off the 250
MHz PFD frequency. DCLK_DIV1 must always be set to 1 regard-
less of PFD frequency. Table 17 provides an equation to calculate
fDIV_RCLK:
fDIV_RCLK=fPFD/2 
= 250 MHz/2 = 125 MHz
Table 30. SPI Summary, VCO Automatic Calibration, Step 2
Bit Field
Value
CAL_CT_SEL
0x1
Table 30. SPI Summary, VCO Automatic Calibration, Step 2 (Continued)
Bit Field
Value
DCLK_DIV2
0x0
DCLK_MODE
0x1
DCLK_DIV1
0x1
In the VCO calibration Step 3 and Step 4, Equation 13,
Equation 14, Equation 15, and Equation 16 are provided
to calculate the SYNTH_LOCK_TIMEOUT bit fields, Bits[14:0],
VCO_ALC_TIMEOUT bit fields, Bits[14:0], VCO_BAND_DIV bits,
and ADC_CLK_DIV bits from fDIV_RCLK.
SYNTH_LOCK_TIMEOUT≥Ceiling
200 μs × 125 MHz =25000
VCO_ALC_TIMEOUT≥Ceiling
50 μs × 125 MHz
=6250
VCO_BAND_DIV≥Ceiling 15 μs × 125 MHz
16×21
=Ceiling58.59375 =59
ADC_CLK_DIV>Ceiling 125 MHz
400 kHz−2
4
=Ceiling
77.625 =78
Table 31. SPI Summary, VCO Automatic Calibration, Step 3 and Step 4
Bit Field
Value
SYNTH_LOCK_TIMEOUT
0x61A8
VCO_ALC_TIMEOUT
0x186A
VCO_BAND_DIV
0x3B
ADC_CLK_DIV
0x4E
SYSREF Input Settings
To use SYSREF retimer path, R_DIV value must be equal to 1.
EN_RDBLR may be enabled. Maximum input reference frequency
is 500 MHz while EN_RDBLR bit is 0. If EN_RDBLR bit is set to 1,
maximum reference frequency is limited to 250 MHz.
The SYSREF input buffer type can be selected by SR_SEL bit in
REG0042. SR_SEL = 0, which sets the ADF4378 SYSREF input
buffer for CML/LVPECL operation. Internal common mode voltage
is set to 1.85 V. SR_SEL = 1, which sets the input buffer for a
generic LVDS input. Internal common mode voltage is set to 1.3 V.
Table 32. SPI Summary, SYSREF Input Settings
Bit Field
Value
R_DIV
0x01
EN_RDBLR
0x01 for input reference frequency <250
or 0x00
SR_SEL
0x00 for CML/LVPECL operation, 0x01
for LVDS operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com