Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 42 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 38Page - Analog Devices ADF4378 Datasheet HTML 39Page - Analog Devices ADF4378 Datasheet HTML 40Page - Analog Devices ADF4378 Datasheet HTML 41Page - Analog Devices ADF4378 Datasheet HTML 42Page - Analog Devices ADF4378 Datasheet HTML 43Page - Analog Devices ADF4378 Datasheet HTML 44Page - Analog Devices ADF4378 Datasheet HTML 45Page - Analog Devices ADF4378 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
Data Sheet
ADF4378
APPLICATIONS INFORMATION
analog.com
Rev. A | 42 of 84
Due to the controlled tPD of the ADF4378 devices, it is reasona-
ble to expect that a significant portion of the total system skew
(tSKEW_SYSTEM) is due to propagation delay mismatches in traces or
cables (tSKEW_B, tSKEW_D), and skew in other components (tSKEW_A)
or instruments (tMEAS_ERROR). Figure 99 and Equation 24 provide
several sources of possible output skew error in a typical system.
The Clock Skew in Large Multi-GHz Clock Trees article outlines
the skew trade-offs in component selection, board design, and
end-user cost requirements in large clock trees.
Figure 99. Total System Skew
tSKEW_SYSTEM=tSKEW_A+tSKEW_B+tSKEW_C
+tSKEW_D+tMEAS_ERROR
(24)
where:
tSKEW_A = tA1 − tA0
tSKEW_B = tPD_B1 − tPD_B0
tSKEW_C = tPD_C1 − tPD_C0
tSKEW_D = tPD_D1 − tPD_D0
tMEAS_ERROR = tCHAN1 − tCHAN2
To further minimize clock skew between multiple clocks, the
ADF4378 devices provide SPI programmable adjustments to in-
crease or decrease the tPD in sub-ps steps. Table 39 and Table
40 provide a comparison of the multiple reference to output delay
controls. In large clock trees, these tPD adjustments can alleviate
output-to-output skew trade-offs in component selection, board
design, and end-user cost requirements.
Table 39. ADF4378 Reference to Output Delay Control Comparison
Parameters
Referenc
e Delay
Feedback
Delay
Charge-Pump Bleed
Current
Output Invert
Register Bits R_DEL
N_DEL
EN_BLEED,
BLEED_I bit fields,
Bits[9:0],
BLEED_POL
INV_CLKOUT
tPD
Increases Decreases BLEED_
POL = 0,
increases
BLEED_
POL = 1,
decrease
s
Inverts output,
see Table 19
Number of
Steps
127
127
1023
1023
Step Size
~1 ps
~1 ps
~0.01 ps to 65 ps,
varies with CP_I and
fPFD Equation 9
1 2×fOUT
Table 40. ADF4378 Reference to Output Typical Performance Impact
Parameters
Reference and
Feedback Delay
Charge-Pump
Bleed Current
Output Invert
Temperature
Coefficient
Minimal, Figure
18 and Figure 23
None, Figure 21
and Figure 24
None
LNORM
<1 dB, Figure 45
<1 dB, Figure 42
None
L1/f
<1 dB, Figure 45
<4 dB, Figure 42
None
Spurious
Minimal
fPFD ≥ 50 MHz:
minimal, fPFD < 50
MHz, contact ADI
Minimal
Lock Detector
None
For more
information, see
the Lock Detector
section
None
Figure 45 and Figure 43 show a general trend that an increasing
magnitude of R_DEL, N_DEL, or BLEED_I bit fields, Bits[9:0] caus-
es a small increase in LNORM and L1/f . Increases in LNORM and L1/f
result in clock jitter (see Figure 12 and Figure 15). Therefore, in the
most performance sensitive applications, identifying ways to mini-
mize the magnitude of the R_DEL, N_DEL, or BLEED_I bit fields,
Bits[9:0] values is required. As an example, Figure 100 provides
two skew adjustment methods to minimize the skew in Figure 99.
Method 1 only adjusts one of the reference to output delay adjust-
ments provided in Table 39. Method 1 results in an R_DEL, N_DEL,
or BLEED_I bit fields, Bits[9:0] maximum adjustment equal to half
an output cycle, or 1/(2 × fOUT). Method 2 minimizes the magnitude
of R_DEL, N_DEL, or BLEED_I bit fields, Bits[9:0] by utilizing the
output invert along with either R_DEL, N_DEL, or BLEED_I bit
fields, Bits[9:0] adjustments. When compared to Method 1, Method
2 results in a lower R_DEL, N_DEL, or BLEED_I bit fields, Bits[9:0]
maximum adjustment of a quarter cycle output cycle, or 1/(4 ×
fOUT). Method 2 is furthered described in Table 41.
Figure 100. Skew Adjustment Methods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com