Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 3Page - Analog Devices ADF4378 Datasheet HTML 4Page - Analog Devices ADF4378 Datasheet HTML 5Page - Analog Devices ADF4378 Datasheet HTML 6Page - Analog Devices ADF4378 Datasheet HTML 7Page - Analog Devices ADF4378 Datasheet HTML 8Page - Analog Devices ADF4378 Datasheet HTML 9Page - Analog Devices ADF4378 Datasheet HTML 10Page - Analog Devices ADF4378 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
Data Sheet
ADF4378
SPECIFICATIONS
analog.com
Rev. A | 7 of 84
Table 1. Specifications (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
55.2
mA
CP_I = 15, EN_BLEED = 1, BLEED_I[1:0] =
512
V3.3V_1 Supply Current
I3.3V_1
170
205
mA
ENSR = low
170
mA
ENSR = low, R_DEL = 127
174
mA
ENSR = low, REF_SEL = BST_REF =
FILT_REF = 1
170
mA
ENSR = low, PD_RDET = 1
204
mA
ENSR = high, REF_SEL = 0
215
mA
During VCO calibration, EN_DRCLK =
EN_DNCLK = EN_ADC_CLK = 1
V3.3V_2 Supply Current
I3.3V_2
153
mA
CLKOUT_OP = 0, ENSR = 0 CLKOUT_DIV =
3
212
mA
CLKOUT_OP = 0, ENSR = high
217
mA
CLKOUT_OP = 1, ENSR = high
221
mA
CLKOUT_OP = 2, ENSR = high
226
mA
CLKOUT_OP = 3, ENSR = high
128
160
mA
CLKOUT_OP = 0, ENSR = low
Typical Power Dissipation
PDIS
2.22
W
ENSR = high, V3.3V_1 = V3.3V_2 = 3.3 V,
VV5_VCO = 5 V, VCO Core 2 and Core 3
2.05
W
ENSR = low, V3.3V_1 = V3.3V_2 = 3.3 V, VV5_VCO
= 5 V, VCO Core 0 and Core 1
Typical Power-Down Current
3.3 V Supplies
11
15
mA
PD_ALL = 1, I3.3V_1 + I3.3V_2
5 V Supplies
350
750
μA
PD_ALL = 1, IV5_VCO + IV5_CAL + IV5_CP
Typical Disable Current
3.3 V Supplies
0.1
1.5
mA
CE = low, I3.3V_1 + I3.3V_2
5 V Supplies
350
750
μA
CE = low, IV5_VCO + IV5_CAL + IV5_CP
CLOCK OUTPUT NOISE CHARACTERISTICS
12 GHz Output Frequency
Device setup7, fOUT = 12 GHz
Phase Noise Floor
−160
dBc/Hz
RMS Jitter
12 kHz to 20 MHz Integration
17.6
fsRMS
100 Hz to 100 MHz Integration
18
fsRMS
Equivalent ADC SNR Method8
27
fsRMS
10 GHz Output Frequency
Device setup7, fOUT = 10 GHz
Phase Noise Floor
−159.5
dBc/Hz
RMS Jitter
12 kHz to 20 MHz Integration
18.5
fsRMS
100 Hz to 100 MHz Integration
18.7
fsRMS
Equivalent ADC SNR Method8
30
fsRMS
8 GHz Output Frequency
Device setup7, fOUT = 8 GHz
Phase Noise Floor
−160.5
dBc/Hz
RMS Jitter
12 kHz to 20 MHz Integration
18
fsRMS
100 Hz to 100 MHz Integration
18.3
fsRMS
Equivalent ADC SNR Method8
30
fsRMS
6 GHz Output Frequency
Device setup7, fOUT = 6 GHz
Phase Noise Floor
−163
dBc/Hz
RMS Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com