Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 28 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 24Page - Analog Devices ADF4378 Datasheet HTML 25Page - Analog Devices ADF4378 Datasheet HTML 26Page - Analog Devices ADF4378 Datasheet HTML 27Page - Analog Devices ADF4378 Datasheet HTML 28Page - Analog Devices ADF4378 Datasheet HTML 29Page - Analog Devices ADF4378 Datasheet HTML 30Page - Analog Devices ADF4378 Datasheet HTML 31Page - Analog Devices ADF4378 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
Data Sheet
ADF4378
THEORY OF OPERATION
analog.com
Rev. A | 28 of 84
VCO
The VCO core consists of four separate VCOs, each of which uses
256 overlapping bands, which allows the device to cover a wide
frequency range without large VCO sensitivity (KVCO). The output
frequency can be further extended by utilizing the output divider
(see Figure 73).
The correct register values for the VCO_CORE, VCO_BAND, and
VCO_BIAS settings are determined by performing a VCO calibra-
tion. For more information, see the VCO Calibration section. After
a VCO calibration is performed for a specific device and frequen-
cy, the VCO_CORE, VCO_BAND, and VCO_BIAS values can be
recorded. These recorded values may be programmed manually on
subsequent power ups when the same device and frequency are
used, thereby avoiding the VCO calibration time.
Figure 73. VCO and Clock Output Divider
VCO Calibration
A VCO calibration is required to select the correct VCO core, band,
and bias settings for a specific VCO frequency. To perform a VCO
calibration, several registers must be setup as described in this
section. This procedure assumes that the device is powered up, the
required reference frequency is present on the REFP and REFN
pins, and all other registers are programmed correctly. Figure 74
and Figure 75 are provided as visual aids for this procedure.
Figure 74. VCO Calibration Dividers
Figure 75. VCO Calibration Block
To perform a VCO calibration, set up several registers as outlined in
the following procedure:
1. Set register bits based on the RCLK column in Table 22.
2. Set DCLK_DIV1 = 1. Set CAL_CT_SEL, DCLK_DIV2, and
DCLK_MODE to the values given in Table 17. Record fDIV_RCLK
for later use.
3. Calculate and set the minimum values for the
SYNTH_LOCK_TIMEOUT bit fields, Bits[14:0], the
VCO_ALC_TIMEOUT bit fields, Bits[14:0], and the
VCO_BAND_DIV bits. Typical automatic VCO calibration times
are 3 ms to 9 ms when minimum values are chosen for these
parameters. Larger values produce longer VCO calibration
times.
SYNTH_LOCK_TIMEOUT≥Ceiling
200 μs×fDIV_RCLK
(13)
VCO_ALC_TIMEOUT≥Ceiling
50 μs×fDIV_RCLK
(14)
VCO_BAND_DIV≥Ceiling
15 μs×fDIV_RCLK
16×2DCLK_MODE
(15)
4. Ensure that the ADC_CLK_DIV bits are set so that the required
analog-to-digital converter (ADC) clock frequency is <400 kHz.
ADC
_CLK_DIV > Ceiling
fDIV_RCLK
400 kHz −2
4
(16)
5. Set the N_INT bit fields, Bits[11:0], CLKOUT_DIV bits, R_DIV
bits, and EN_RDBLR bits by programming REG0010 last. Any
write to REG0010 starts the VCO automatic calibration.
6. This is an optional step. Monitor the register bits, ADC_BUSY,
and FSM_BUSY. The calibration is finished when ADC_BUSY
transitions from high to low, followed by FSM_BUSY transition-
ing from high to low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com