Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 38 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 38 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 34Page - Toshiba Semiconductor TC9328AF Datasheet HTML 35Page - Toshiba Semiconductor TC9328AF Datasheet HTML 36Page - Toshiba Semiconductor TC9328AF Datasheet HTML 37Page - Toshiba Semiconductor TC9328AF Datasheet HTML 38Page - Toshiba Semiconductor TC9328AF Datasheet HTML 39Page - Toshiba Semiconductor TC9328AF Datasheet HTML 40Page - Toshiba Semiconductor TC9328AF Datasheet HTML 41Page - Toshiba Semiconductor TC9328AF Datasheet HTML 42Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
TC9328AF
2004-09-13
38
○
Programmable Counter
The programmable counter consists of two modulus prescaller, a 4-bit + 13-bit programmable counter and
a port to control these elements.
The programmable counter controls the ON/OFF functions for the contents of the reference port and
HOLD input status. By using external prescaller (TD6134AF/TD7101/04F) or 1 chip tuner IC that is
built-in for 1/16 prescaller (TA2142FN), it’s possible to reduce the emission from the tuner portion and
consumption current.
1.
Programmable Counter Control Port
This port is controlling for division frequency, division method and operating current and gain of
prescaller.
The division method and power control of prescaller are accessed with the OUT1 instruction for which
[CN = 0H] has been specified in the operand.
The division frequency setting is accessed with the OUT1 instruction for which [CN = 1~5H] has been
specified and setting is by writing in the P16 bit (φL15). All data between P0 to P16 are updated when P16
is set. It is therefore necessary to access P16 even when updating only certain items of data and to perform
setting as the final process.
PSC output permission setup is used at the time of connection of external prescaller.
In the setup to prescaller IF input, if the bit is set to “1”, a programmable counter stops and prescaller
1/15 and 16 are fixed to 16 division. Usually, consisting of PLL, the bit is set to “0”.
(→ Refer IF counter item)
Y1
Y2
Y4
Y8
φL39
Prescaller
IN
PSC
ENA
PSC output permission setup
0: Regular PLL composition
1: Prescaller division output is inputted to IF counter.
Prescaller IF counter input setup
0: PSC output prohibition
1: PSC output permission
A setup of the number of division of programmable counter
φL11
Y1
Y2
Y4
Y8
P0
P1
P2
P3
φL12
Y1
Y2
Y4
Y8
P4
P5
P6
P7
φL13
Y1
Y2
Y4
Y8
P8
P9
P10 P11
φL14
Y1
Y2
Y4
Y8
P12 P13 P14 P15
φL15
Y1
Y2
Y4
Y8
P16
LSB
MSB
Y1
Y2
Y4
Y8
φL10
HF
PW0
PW1
FM
Division method setting
Power control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com