Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 80 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 80 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 76Page - Toshiba Semiconductor TC9328AF Datasheet HTML 77Page - Toshiba Semiconductor TC9328AF Datasheet HTML 78Page - Toshiba Semiconductor TC9328AF Datasheet HTML 79Page - Toshiba Semiconductor TC9328AF Datasheet HTML 80Page - Toshiba Semiconductor TC9328AF Datasheet HTML 81Page - Toshiba Semiconductor TC9328AF Datasheet HTML 82Page - Toshiba Semiconductor TC9328AF Datasheet HTML 83Page - Toshiba Semiconductor TC9328AF Datasheet HTML 84Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
TC9328AF
2004-09-13
80
Note: The IDD (operating current) in Soft Wait mode is the current dissipation value.
The actual current dissipation value differs depending on the CPU execution state.
VDD (V)
Typical TC9328AF product
IDD (Ta = 25°C) in different modes at PLL operation
VDD (V)
Typical TC9328AF product
IDD (Ta = 25°C) in different modes at CPU operation
0
0.5
1
1.5
2
2.5
1
2
3
4
5
6
7
8
9
10
VHF mode
(fin = 230 MHz)
FM mode
(fin = 130 MHz)
HF1 mode
(fin = 30 MHz)
HF2 mode (fin = 10 MHz)
LF mode (fin = 8 MHz)
0
0.5
1
1.5
2
2.5
10
20
30
40
50
In Soft Wait mode
(Note) (IDD4)
In Hard Wait mode
(IDD3)
At CPU operation
(IDD2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com