Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 20Page - Toshiba Semiconductor TC9328AF Datasheet HTML 21Page - Toshiba Semiconductor TC9328AF Datasheet HTML 22Page - Toshiba Semiconductor TC9328AF Datasheet HTML 23Page - Toshiba Semiconductor TC9328AF Datasheet HTML 24Page - Toshiba Semiconductor TC9328AF Datasheet HTML 25Page - Toshiba Semiconductor TC9328AF Datasheet HTML 26Page - Toshiba Semiconductor TC9328AF Datasheet HTML 27Page - Toshiba Semiconductor TC9328AF Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
TC9328AF
2004-09-13
24
○
I/O map
All of the ports within the device are expressed with a matrix of six I/O instructions (OUT 1 to 3
instructions and IN 1 to 3 instructions) and a 4-bit code number.
The allocation of these ports is shown on the following page in the form of an I/O map. The ports used in
the execution of the various I/O instructions on the horizontal axis of the I/O map are allocated to the port
code numbers indicated on the vertical axis. The G-register, data register, DAL address register and DAL
bits are also used as ports.
The OUT1 to 3 instructions are specified as output ports and the IN 1 to 3 instructions are specified as
input ports.
Note: The ports indicated by the angled lines on the I/O map do not actually exist within the device.
The contents of other ports and data memories are not affected when data is output to a non-existent
output port with the execution of the output instruction. The data loaded from data memories is unfixed
when a non-existent input port has been specified with the execution of an input instruction.
Note: The output ports marked with an asterisk (*) on the I/O map are not used. Data output to these ports
assume the don’t care’s status.
Note: The Y1 contents of the ports expressed in 4 bits correspond to the data memory data’s low order bit and
the Y8 contents correspond to the high order bits.
The ports specified with the six I/O instructions and code No. C are coded in the following manner:
(Example) The setting for the G-register is allocated to code “D” and “E” in the OUT1 instruction.
The encoded expression at this time becomes “φL1D”and “φL1E”.
○
Crystal Oscillation Circuit
75 kHz crystal oscillator is connected to the device’s crystal oscillator pin (XIN, XOUT) as indicated below.
Usually, the oscillation signal is supplied to the clock generator, the reference frequency divider and other
elements, and generates the various CPU timing signals and reference frequency.
Note: It is necessary to use a crystal oscillator with a low CI value and favorable start-up characteristics.
Please adjust and determine external resistance and the constant of a capacitor as the actually used
crystal oscillator.
φ [K/L] m n (o)
Contents of the selection port (indirectly specified data, 0-F [HEX])
I/O instruction’s operand CN (0~F [HEX])
The six I/O instructions are coded with the digits 1 to 3
I/O Instruction
OUT1
OUT2
OUT3
IN1
IN2
IN3
m
1
2
3
1
2
3
Indicates the input/output port
K: Input port (IN1~IN3 instruction)
L: Output port (OUT1~OUT3 instruction)
73
(GND)
72
(XIN)
71
(XOUT)
70
CO
X’tal
CI
R
X’tal
= 75 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com