Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 30 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 30 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 26Page - Toshiba Semiconductor TC9328AF Datasheet HTML 27Page - Toshiba Semiconductor TC9328AF Datasheet HTML 28Page - Toshiba Semiconductor TC9328AF Datasheet HTML 29Page - Toshiba Semiconductor TC9328AF Datasheet HTML 30Page - Toshiba Semiconductor TC9328AF Datasheet HTML 31Page - Toshiba Semiconductor TC9328AF Datasheet HTML 32Page - Toshiba Semiconductor TC9328AF Datasheet HTML 33Page - Toshiba Semiconductor TC9328AF Datasheet HTML 34Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
TC9328AF
2004-09-13
30
(2)
Interrupt latch
If Interrupt request generates, interrupt latch is set to “1”.
If Interrupt is enabled, Interrupt reception will be required of CPU and it will branch Interrupt
routine. If Interrupt is received at this time, Interrupt latch is reset by data “0” automatically.
Interrupt latch data can read by the program and judge individual existence or nothing of interrupt
generating. By interrupt request, interrupt latch is reset from “1” from setting “0”, it is able to cancel
interrupt request or initialization.
(3)
Interrupt priority circuit block
Interrupt priority circuit is a circuit of determined the ranking of the interrupt generating when
interrupt occurs simultaneously or interrupt permit after two or more interrupts had occurred. Vector
address to interrupt routine is also generated by this block.
Priority
Interrupt Factor
Vector Address
1
INTR1 pin
0001H
2
INTR2 pin
0002H
3
Serial interface
0003H
4
Timer counter
0004H
Y1
Y2
Y4
Y8
φL29
ILR1
ILR2
ILR3
ILR4
Interrupt latch reset
If it’s set to “1”, interrupt latch is reset to “0”.
0: No interrupt existence
1: Interrupt existence
Y1
Y2
Y4
Y8
φK29
ILR1
ILR2
ILR3
ILR4
ILR1 • • • INTR1 pin
ILR2 • • • INTR2 pin
ILR3 • • • Serial interface
ILR4 • • • 8-bit timer counter
Interrupt latch data
If the interrupt request, it’s set to “1”, receiving
interrupt, It’s reset to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com