Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 8Page - Toshiba Semiconductor TC9328AF Datasheet HTML 9Page - Toshiba Semiconductor TC9328AF Datasheet HTML 10Page - Toshiba Semiconductor TC9328AF Datasheet HTML 11Page - Toshiba Semiconductor TC9328AF Datasheet HTML 12Page - Toshiba Semiconductor TC9328AF Datasheet HTML 13Page - Toshiba Semiconductor TC9328AF Datasheet HTML 14Page - Toshiba Semiconductor TC9328AF Datasheet HTML 15Page - Toshiba Semiconductor TC9328AF Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
TC9328AF
2004-09-13
12
Description of Operations
○
CPU
The CPU consists of a program counter, a stack register, ALU, a program memory, a data memory,
G-register, a data register, DAL address register, carry F/F, a judgment circuit, and an interruption circuit.
1.
Program Counter (PC)
The program counter consists of a 14-bit binary up-counter and addresses the program memory (ROM).
The counter is cleared when the system is reset and the programs start from the 0 address.
Under normal conditions, the counter is increased in increments of one whenever an instruction is
executed, but the address specified in the instruction operand is loaded when a JUMP instruction or CALL
instruction is executed.
Also, when an instruction that is equipped with the skip function (AIS, SLTI, TMT, RNS instructions,
etc.) is executed and result of this includes a skip condition, the program counter is increased in increments
of two and the subsequent instruction is skipped. Furthermore, if interruption is received, the vector
address corresponding to each interruption is loaded.
Note: Program memory (ROM) It is 0000H-0FFFH address.
For this reason, an access setup to the address beyond this is forbidden.
Contents of Program Counter (PC)
Instruction
PC13 PC12 PC11 PC10
PC9
PC8
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
JUMP ADDR1
JUMP ADDR2
0
0
Power on reset
RESET by reset pin
0
0
0
0
DAL (DA)
(DAL bit
= 1)
RN, RNS, RNI
At the time of an
interruption reception
Power on reset
RESET by reset pin
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Priority
Interruption Factor
Vector Address
1
INTR1 pin
0001H
2
INTR2 pin
0002H
3
Serial inter face
0003H
4
Timer counter
0004H
2.
Stack Register
A register consisting of 8 × 14 bits which stores the contents of the program counter +1 (the return
address) when a sub-routine call instruction is executed, or an interrupt is processed. The contents of the
stack register are loaded into the program counter when the return instruction (RN, RNS, RNI instruction)
is executed.
There are eight stack levels available and nesting occurs up to eight levels.
Operand of instruction (ADDR1)
DAL address register (DA)
Contents of stack register
Vector address of each interruption
Operand of instruction (ADDR2)
Contents of general
register (r)
Operand of
instruction (ADDR3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com