Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 70 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 70 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 66Page - Toshiba Semiconductor TC9328AF Datasheet HTML 67Page - Toshiba Semiconductor TC9328AF Datasheet HTML 68Page - Toshiba Semiconductor TC9328AF Datasheet HTML 69Page - Toshiba Semiconductor TC9328AF Datasheet HTML 70Page - Toshiba Semiconductor TC9328AF Datasheet HTML 71Page - Toshiba Semiconductor TC9328AF Datasheet HTML 72Page - Toshiba Semiconductor TC9328AF Datasheet HTML 73Page - Toshiba Semiconductor TC9328AF Datasheet HTML 74Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
TC9328AF
2004-09-13
70
The data register is 16-bit register for which load the program memory data when the DAL instruction is
executed. The contents of this register are loaded into the data memory in 4-bit units with the execution of
the OUT1/IN1 instructions for which [CN = CH~FH] has been specified in the operand. This register can be
used for loading LCD segment decoding operations, radio band edge data and the data related to binary to
BCD conversion.
The DAL address register (DA) is 14-bit register for which specified the program memory indirectly when
the DAL instruction is executed. There are two kinds of operation methods of DAL instruction. The
control is selected by DAL bit. When DAL bit is set “0”, ADDR3 (6 bits) of the operand and contents of
general register (r) becomes the reference address of program memory and when DAL bit is set “1”, 14 bit
of DAL address register becomes reference address. At the time of setting DAL bit is “0” and execution of
DAL instruction, only program memory area (0000H~03FF) becomes reference area and DAL bit is set “1”
and execution of DAL instruction, all program memory area (0000H~3FFFH) becomes reference area.
If (DATA) → DA bit is set to “1”, it can transfer from the contents of data register to 14-bit DAL address
register by executing of single instruction.
The contents of DAL address register are accessed the data in 4-bit units with the execution of the
OUT3/IN3 instruction for which [CN = BH] have been specified in the operand. DAL address register port
is setup by data select port (φL2D) for which divides and indirect specified. The data of a specification port
to set beforehand is set and the data port corresponding to it is accessed. Data select port is +1 incremented
whenever is accessed this port (φL3B, φK3B). For this reason, after setting up a data selection port, it can
access continuously.
DAL bit and (DATA) → DA bit are accessed with the execution of OUT3/IN3 instruction for which [CN =
AH] has been specified in the operand.
Note: DAL address register becomes effective only execution of DAL instruction when setting “1” and becomes
unrelated at the time of other instruction execution. It does not have the influence on this register by DAL
instruction.
Note: For this product have 8 K step of ROM Capacity, If 2000H - 3FFFH is specified to be DAL address
register and DAL instruction is executed, the contents of a data register will become unfixed.
Note: It’s possible to write in and read out for data registeter and DAL address register. Please evacuate and
return in a data memory if needed at the time of interruption.
Note: There is no action when (DATA)
→ DA bit is set “0”. When it accesses to φK3A, it only read out only the
DAL bit. (The other bit is “0”.)
3.
Carry F/F (Ca flag,
φKL1C)
This is set when Carry or Borrow is issued in the result of calculation instruction execution and is reset if
neither of these is issued. The carry F/F is accessed with OUT1/IN1 instructions for which [CN = CH] have
been specified. For this reason, evacuation and a return of the carry F/F at the time of interruption can be
performed easily. Carry F/F is written in a data memory by IN1 instruction at the time of evacuation, it is
evacuated, and the data evacuated by OUT1 instruction is transmitted to carry F/F from a data memory
after the time of a return.
Y1
Y2
Y4
Y8
φL/K1C
CA
flag
*/0
*/0
*/0
Carry F/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com