Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 55 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 55 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 51Page - Toshiba Semiconductor TC9328AF Datasheet HTML 52Page - Toshiba Semiconductor TC9328AF Datasheet HTML 53Page - Toshiba Semiconductor TC9328AF Datasheet HTML 54Page - Toshiba Semiconductor TC9328AF Datasheet HTML 55Page - Toshiba Semiconductor TC9328AF Datasheet HTML 56Page - Toshiba Semiconductor TC9328AF Datasheet HTML 57Page - Toshiba Semiconductor TC9328AF Datasheet HTML 58Page - Toshiba Semiconductor TC9328AF Datasheet HTML 59Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
TC9328AF
2004-09-13
55
(2)
8/4 bit
The 8/4 bit selects the length of the serial data. The length of the serial data is set at 4 bits when
this bit is “0”, and at 8 bits when this bit is “1”. If SIO is started when a serial clock is set as an
internal clock, a clock (4 bits or 8 bits) will be continuously outputted by the state of this bit.
(3)
O
I/
-
SO
bit
The bit sets the serial I/O for the SO pin.
The SO pin outputs serial data when the bit is set at “0”, and the SO pin is used for serial data
input when this bit is set at “1”. This control is used as the serial bus system which outputs and
inputs serial data with one pin.
Note: Usually insert pull-up or pull-down in SO pin to prevent floating.
(4)
Serial interface operation monitor
The operational status of the serial interface is determined by referring to the BUSY, COUNT, SIO
F/F bits.
As the BUSY bit becomes “1” during SIO operations, control data switching and serial data access
are performed when the BUSY bit is “0”. It interrupts in falling of BUSY bit and a demand is
transmitted.
COUNT bit determines if the data sending/receiving has been performed per 4 bits. When shift
operation performs with the four multiple, “0” is outputted. When it performs without the four
multiple, “1” is outputted.
“1” is set in the SIO F/F bit when the SCK pin starts shift operations.
Both COUNT bit and SIO F/F bits are reset to “0” when “1” is set in the STA bit. These two bits are
mainly used when the SCK pin sets external clocks (slave mode). An external clock is inputted and it
can be judged to be the information that serial data was transmitted and received whether operation
was performed normally.
Usually, since interruption is transmitted, interruption processing performs a serial interface end.
The example of serial operation at the time of setting it as 8 bits
SCK pin
SO pin
SI pin
BUSY
STA bit set as “1”
Interrupt
1
2
3
4
SO0
SO1
SO2
SO3
SI0
SI1
SI2
SI3
5
6
7
8
SI4
SI5
SI6
SO4
SO5
SO6
SO7
SI7
Example for Serial input-output operation
SCK pin
SO pin
Changing edge
1
2
3
4
SO0
SO1
SO2
SI0
SO3
1
2
3
SI1
SI2
SI3
4
Set STA bit to “1”
Set SO-I/O bit to “1”
Set STA bit to “1”
Set SO-I/O bit to “0”
(Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com