Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 54 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 54 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 50Page - Toshiba Semiconductor TC9328AF Datasheet HTML 51Page - Toshiba Semiconductor TC9328AF Datasheet HTML 52Page - Toshiba Semiconductor TC9328AF Datasheet HTML 53Page - Toshiba Semiconductor TC9328AF Datasheet HTML 54Page - Toshiba Semiconductor TC9328AF Datasheet HTML 55Page - Toshiba Semiconductor TC9328AF Datasheet HTML 56Page - Toshiba Semiconductor TC9328AF Datasheet HTML 57Page - Toshiba Semiconductor TC9328AF Datasheet HTML 58Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
TC9328AF
2004-09-13
54
(1)
edge, SCK-INV, SCK-I/O bit
The edge bit setups the edge of a shift and the SCK-INV bit sets up the input-and-output waveform
of a shift clock. If the edge bit is set “0”, (SCK) shift operation is done at rising edge and set “1”, (SCK)
Shift operation is done at falling edge. SCK-INV bit sets the bit of serial clock output from “H” or L”.
In case of setting “0”, it starts shift operation from “H” output, and setting “1”, it starts shift operation
from “L” output. These bits perform serial operation as shown in the following table by setup. Set up
by the serial format to control.
SCK-I/O bit setups the input-output of serial clock. Usually, when this product is used as a master,
set “1” to SCK-I/O bit and then it used as serial clock output and in the case of a slave, set to “0” and
then it used as serial input.
SCK-INV
= 0
SCK INV
= 1
SCK pin
STA bit set as “1”
SO pin
SI pin
BUSY
Interrupt
1
2
3
4
SO0
SO1
SO2
SO3
SI0
SI1
SI2
SI3
SCK pin
STA bit set as “1”
SO pin
SI pin
BUSY
Interrupt
1
2
3
4
SO0
SO1
SO2
SO3
SI0
SI1
SI2
SI3
STA bit set as “1”
SCK pin
SI pin
BUSY
Interrupt
1
2
3
4
SO0
SO1
SO2
SO3
SI0
SI1
SI2
SI3
SO pin
SI0
SI1
SI2
SI3
SCK pin
SI pin
BUSY
Interrupt
1
2
3
4
SO0
SO1
SO2
SO3
SO pin
STA bit set as “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com