Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 43 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 43 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 39Page - Toshiba Semiconductor TC9328AF Datasheet HTML 40Page - Toshiba Semiconductor TC9328AF Datasheet HTML 41Page - Toshiba Semiconductor TC9328AF Datasheet HTML 42Page - Toshiba Semiconductor TC9328AF Datasheet HTML 43Page - Toshiba Semiconductor TC9328AF Datasheet HTML 44Page - Toshiba Semiconductor TC9328AF Datasheet HTML 45Page - Toshiba Semiconductor TC9328AF Datasheet HTML 46Page - Toshiba Semiconductor TC9328AF Datasheet HTML 47Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
TC9328AF
2004-09-13
43
○
Phase Comparator and Lock Detection Port
The phase comparator compares the difference in phasing between the reference frequency signal
supplied from the reference frequency divider and frequency division output of the programmable counter
and outputs the result. Then it controls the VCO (Voltage control oscillator) via a low pass filter in order to
ensure that the two frequency signals and the phase difference match.
Two tristate buffer DO1 and DO2 are outputted in parallel from the phase comparator, the filter constant
can be designed for each VHF and AM bands. A charge pump output uses constant voltage Vreg potential
(1.5 V) so that a stabilized phase comparison machine can be used when VDD potential is 0.9 V.
Also DO2 pin can be used with DO2 control port as general-purpose output port and charge pump signal
(P, N) can be outputted from DO1 and DO2 pins. Therefore it is possible to use an external charge pump.
1.
DO1 control Port and the Unlock Detection Port
M0 and M1 bit of DO2 control ports perform a general-purpose output port setup of DO2 output, and a
setup of high impedance. PN bit performs control setup of an external charge pump for DO1/2 pins as P/N
output.
Unlock F/F detects the phase difference of a programmable counter division output and reference
frequency to the timing from which about 180 degrees of phases shifted. When a phase does not suit at this
time (that is unlock status), unlock F/F is set. The unlock F/F status is reset whenever the UNLOCK
RESET bit is set to “1”.
It is necessary to access to UNLOCK F/F after establishing more time than is required for the reference
frequency cycle after the unlock F/F has been reset in order to detect the phase difference with the
reference frequency cycle. It is for this purpose that the enable bit has been made available, but the unlock
F/F must not be accessed before it has been confirmed that the unlock enable has been set at “1”.
Note: When P/N output and DO output are set up in PLL off-mode state, these outputs are high impedance.
This state is held when PLL off-mode or clock stop mode is set up at outputting “L” or “H” level of DO2
pin.
Note: When PN output is setup, “H” level of DO1/2 pin is output as VDD level and Vreg potential (1.5 V) is
output as “H” level for other settings.
Y1
Y2
Y4
Y8
DO2 control
φL19
UNLOCK
RESET
PN
M0
M1
DO2 output setting
Unlock F/F and unlock enable are reset whenever the data is set to “1”.
Y1
Y2
Y4
Y8
UNLOCK
φK19
F/F
ENA
Unlock enable
0: PLL unlock detection stand-by
1: PLL unlock detection enabled
0: PLL lock status
1: PLL unlock status
Unlock detection bit
PN
M1
M0
DO2 Output Status DO1 Output Status
0
0
0
DO output
0
0
1
“L” level
0
1
0
“H” level
0
1
1
“HZ”
DO output
1
*
*
N output
P output
PN output setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com