Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 53 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 53 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 49Page - Toshiba Semiconductor TC9328AF Datasheet HTML 50Page - Toshiba Semiconductor TC9328AF Datasheet HTML 51Page - Toshiba Semiconductor TC9328AF Datasheet HTML 52Page - Toshiba Semiconductor TC9328AF Datasheet HTML 53Page - Toshiba Semiconductor TC9328AF Datasheet HTML 54Page - Toshiba Semiconductor TC9328AF Datasheet HTML 55Page - Toshiba Semiconductor TC9328AF Datasheet HTML 56Page - Toshiba Semiconductor TC9328AF Datasheet HTML 57Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
TC9328AF
2004-09-13
53
Note: At serial data input, the contents of shift register are accessed as they are.
Serial interface control and data are accessed with the OUT2 an IN2 instruction for which [CN = 2H~5H]
has been specified in the operand.
The serial interface pin is used together with the I/O-4 P4-1, P4-2, P4-3 pins, and each of the I/O port-4
pins are switched across to the SI, SO and SCK pins by setting “1” in the SIO ON bit.
Note: All the inputs of a serial interface build in the Schmidt circuit.
Note: Since SI (P4-1) pin can be used as an I/O Port even when a serial interface is chosen, it can be used for
the strike robe signal of SIO etc.
In case of using this pin as a serial input, change into an input state for I/O control bit of P4-1.
Y1
Y2
Y4
Y8
φL24
SO0
SO1
SO2
SO3
Serial output data: The data set in these ports is output in the serial format
Y1
Y2
Y4
Y8
φL25
SO4
SO5
SO6
SO7
Y1
Y2
Y4
Y8
φK24
SI0
SI1
SI2
SI3
Y1
Y2
Y4
Y8
φK25
SI4
SI5
SI6
SI7
Serial input data: It is possible to load data input in the serial format into data memory
Y1
Y2
Y4
Y8
φK23
BUSY COUNT
SIO
F/F
0
SIO start flag
0: SIO operations performed
1: SIO operations not performed
SCK clock count detection
0: Clock count normal (SCK clock count is in multiple of four)
1: Clock count abnormal (SCK clock count is not in multiple of four)
SIO operation monitor
0: SIO operations ended
1: SIO operation in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com