Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 67Page - Toshiba Semiconductor TC9328AF Datasheet HTML 68Page - Toshiba Semiconductor TC9328AF Datasheet HTML 69Page - Toshiba Semiconductor TC9328AF Datasheet HTML 70Page - Toshiba Semiconductor TC9328AF Datasheet HTML 71Page - Toshiba Semiconductor TC9328AF Datasheet HTML 72Page - Toshiba Semiconductor TC9328AF Datasheet HTML 73Page - Toshiba Semiconductor TC9328AF Datasheet HTML 74Page - Toshiba Semiconductor TC9328AF Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
TC9328AF
2004-09-13
71
○
Timer Port
The timer is equipped with 100-Hz, 10-Hz and 2-Hz F/F bits and used for counting clock operations and
tuning scan mode, etc.
1.
Timer Port
The timer ports are accessed with the OUT2/IN2 instructions for which [CN = 6H] has been specified in
the operand
2.
Timer Port Timing
The 2-Hz timer F/F is set with the 2-Hz (500 ms) signal and is reset by setting “1” in the reset port’s 2-Hz
F/F. This bit is usually used as a clock counter.
The 2-Hz timer F/F can only by reset with the reset port’s 2 Hz F/F, and incorrect counts will be output
and correct timers not acquired if not reset within a 500 ms cycle.
The 10-Hz and 100-Hz timers are outputted to 10-Hz and 100-Hz bits with a duty 50% of 100-ms and
10-ms cycles respectively. Counters at 1 kHz or below will be reset whenever the reset port’s timer bit is set
at “1”.
Y1
Y2
Y4
Y8
φL26
2 Hz
F/F
Timer
The 10 Hz, 100 Hz and under 1 kHz bits are reset
whenever “1” is set.
Y1
Y2
Y4
Y8
φK26
2 Hz
F/F
10 Hz 100 Hz
The 2 Hz F/F is reset whenever “1” is set.
Timer
Reset port
2-Hz F/F reset execution
2-Hz F/F output
2-Hz clock
500 ms
t
< 500 ms
t
5 ms
100 ms
10 ms
50 ms
100 Hz
10 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com